データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD035QX1 データシート(PDF) 4 Page - AZ Displays

部品番号 PD035QX1
部品情報  TECHNICAL SPECIFICATION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AZDISPLAYS [AZ Displays]
ホームページ  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035QX1 データシート(HTML) 4 Page - AZ Displays

  PD035QX1 Datasheet HTML 1Page - AZ Displays PD035QX1 Datasheet HTML 2Page - AZ Displays PD035QX1 Datasheet HTML 3Page - AZ Displays PD035QX1 Datasheet HTML 4Page - AZ Displays PD035QX1 Datasheet HTML 5Page - AZ Displays PD035QX1 Datasheet HTML 6Page - AZ Displays PD035QX1 Datasheet HTML 7Page - AZ Displays PD035QX1 Datasheet HTML 8Page - AZ Displays PD035QX1 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
PD035QX1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:4
1. Application
This technical specification applies to 3.5” color TFT-LCD module; PD035QX1.The module applies to
videophone, door phone and other electronic products, which require high quality flat panel displays.
If you must use in high reliability environment can’t over reliability test condition.
2. Features
. Amorphous silicon TFT LCD panel with LED backlight unit
. Pixel in stripe configuration
. Thin and lightweight
. Display Colors
'262K colors
. Optimum Viewing Direction
'6 o’clock
. Support Interface:
18-bit MCU interface/ 18-bit RGB interface/ 4pin or 3pin serial interface
3. Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
3.5(diagonal)
inch
Display Format
240
$(R, G, B)$320
dot
Display Colors
262K
Active Area
53.64 (H)
Ø71.52 (V)
mm
Pixel Pitch
0.2235(H)
Ø0.2235(V)
mm
Pixel Configuration
Stripe
Outline Dimension
64.0(W)
Ø85.0 (H)Ø3.5 (typ.) (D)
mm
Weight
38.8+4g
Back-light
9-LEDs
Surface treatment
Anti-glare + EWV
Display mode
Normally white
Gray scale inversion direction
6 o’clock
[Note 12-1]
P-511-490(V:5)


同様の部品番号 - PD035QX1

メーカー部品番号データシート部品情報
logo
AZ Displays
PD035QU1 AZDISPLAYS-PD035QU1 Datasheet
1Mb / 23P
   TECHNICAL SPECIFICATION
PD035QU2 AZDISPLAYS-PD035QU2 Datasheet
1Mb / 25P
   TECHNICAL SPECIFICATION
More results

同様の説明 - PD035QX1

メーカー部品番号データシート部品情報
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com