データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD050VX6 データシート(PDF) 9 Page - AZ Displays

部品番号 PD050VX6
部品情報  TECHNICAL SPECIFICATION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AZDISPLAYS [AZ Displays]
ホームページ  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD050VX6 データシート(HTML) 9 Page - AZ Displays

Back Button PD050VX6 Datasheet HTML 5Page - AZ Displays PD050VX6 Datasheet HTML 6Page - AZ Displays PD050VX6 Datasheet HTML 7Page - AZ Displays PD050VX6 Datasheet HTML 8Page - AZ Displays PD050VX6 Datasheet HTML 9Page - AZ Displays PD050VX6 Datasheet HTML 10Page - AZ Displays PD050VX6 Datasheet HTML 11Page - AZ Displays PD050VX6 Datasheet HTML 12Page - AZ Displays PD050VX6 Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
PD050VX6
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:9
Note 5-1: Gate off voltage, VEE=-5.5V
Note 5-2: Gate on voltage, VGG=17V
Note 5-3: Select up or down shift
U/D
STVU
STVD
Shift
1
Hi-Z
Input
Down to Up
0
Input
Hi-Z
Up to Down
Note 5-4: Gate driver shift clock
Note 5-5: When OE is connected to high “1”, the driver outputs are disabled (Gate output = VEE).
Under this condition, the operation of registers will not be affected.
Note 5-6: Select left or right shift
R/L
DIO1
DIO2
Shift
1
Input
Hi-Z
Left to right
0
Hi-Z
Input
Right to left
Note 5-7: Latch the polarity of outputs and switch the new data to outputs. At the rising edge (LD),
latch the “POL” signal to control the polarity of the outputs.
Note 5-8: Control whether the Data R0~G5 are inverted or not. (PVI suggests connecting to GND)
When “REV=1”, these data will be inverted.
EX: “00”
”3F”, “07”
”38”, “15”
”2A”
Note 5-9: Polarity selector for dot-inversion control. Available at the rising edge of LD.
When POL=1: Even outputs range from V1~V7, and Odd outputs range from V8~V14;
When POL=0: Even outputs range from V8~V14, and Odd outputs range from V1~V7.
Note 5-10: VDD2 =7.7V
P-511-415(V:2)


同様の部品番号 - PD050VX6

メーカー部品番号データシート部品情報
logo
AZ Displays
PD050VX2 AZDISPLAYS-PD050VX2 Datasheet
844Kb / 27P
   TECHNICAL SPECIFICATION
PD050VX4 AZDISPLAYS-PD050VX4 Datasheet
936Kb / 27P
   TECHNICAL SPECIFICATION
PD050VXB AZDISPLAYS-PD050VXB Datasheet
1Mb / 27P
   color TFT LCD module
More results

同様の説明 - PD050VX6

メーカー部品番号データシート部品情報
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com