データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD057VU6 データシート(PDF) 10 Page - AZ Displays

部品番号 PD057VU6
部品情報  TECHNICAL SPECIFICATION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AZDISPLAYS [AZ Displays]
ホームページ  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VU6 データシート(HTML) 10 Page - AZ Displays

Back Button PD057VU6 Datasheet HTML 6Page - AZ Displays PD057VU6 Datasheet HTML 7Page - AZ Displays PD057VU6 Datasheet HTML 8Page - AZ Displays PD057VU6 Datasheet HTML 9Page - AZ Displays PD057VU6 Datasheet HTML 10Page - AZ Displays PD057VU6 Datasheet HTML 11Page - AZ Displays PD057VU6 Datasheet HTML 12Page - AZ Displays PD057VU6 Datasheet HTML 13Page - AZ Displays PD057VU6 Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
PD057VU6
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:10
7
7
7
7.... Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings:
GND=0V, Ta=25℃
Parameters
Parameters
Parameters
Parameters
Symbol
Symbol
Symbol
Symbol
Condition
Condition
Condition
Condition
MAX.
MAX.
MAX.
MAX.
Unit
Unit
Unit
Unit
Remark
Remark
Remark
Remark
Input Voltage
VI
Ta=25℃
-0.3~+4
V
Note7-1
+3.3V supply
voltage
VCC
Ta=25℃
0~+3.6
V
Note7-1:CK,R0~R5,G0~G5,B0~B5,Hsync,Vsync,ENAB,R/L,U/D,V/Q
8.
8.
8.
8. Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics:
8
8
8
8-
-
-
-1) Recomme
1) Recomme
1) Recomme
1) Recommended Operating Conditions:
nded Operating Conditions:
nded Operating Conditions:
nded Operating Conditions:
GND=0V, Ta=25℃
Item
Item
Item
Item
Symbol
Symbol
Symbol
Symbol
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Remark
Remark
Remark
Remark
+3.3V Supply Voltage
VCC
+3.0
+3.3
+3.6
V
Permissive input ripple voltage
VRF
-
-
100
mVp-p VCC=3.3V
Input voltage(Low)
VIL
0
-
0.3 VCC
V
Input voltage(High)
VIH
0.7 VCC
-
VCC
V
8
8
8
8-
-
-
-2) Recommended Driving Condition for
2) Recommended Driving Condition for
2) Recommended Driving Condition for
2) Recommended Driving Condition for Back
Back
Back
Back Light
Light
Light
Light:
Ta=25℃
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Remark
Remark
Remark
Remark
Lamp Voltage
VL
639
710
781
V
IL=5mA
Lamp Current
IL
4
5
8
mA
Note 8-1
Lamp Frequency
PL
-
35
-
KHz
Note 8-2
Starting Voltage (25℃)
(Reference Value)
Vs
-
-
1240
Vrms
Note 8-3
Starting Voltage (0℃)
(Reference Value)
Vs
-
-
1380
Vrms
Note 8-3
Note 8-1:In order to have proper operation of the B/L, no matter what kind of
inverters, the output lamp current must be between min. and max.
values to avoid the abnormal display image caused by B/L.
Note 8-2:The driving frequency of the lamp may interfere with the horizontal
synch signal, leaving interference stripes on the display. So please
evaluate LCD panels beforehand.
To avoid interference stripes, we recommend separating as far as
possible the lamp frequency from the horizontal synchronous signal
and its high harmonic frequency.
The inverter which PVI uses is TAD347-1.
Note 8-3:The “ Starting Voltage” means the minimum voltage of inverter to
turn on the lamp. And it should be applied to the lamp for more than
1 second to start up. Otherwise the lamp may not be turned on.
P-511-507(V:2)


同様の部品番号 - PD057VU6

メーカー部品番号データシート部品情報
logo
AZ Displays
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
727Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU4_V5 AZDISPLAYS-PD057VU4_V5 Datasheet
727Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU5 AZDISPLAYS-PD057VU5 Datasheet
447Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU7 AZDISPLAYS-PD057VU7 Datasheet
904Kb / 20P
   TECHNICAL SPECIFICATION
More results

同様の説明 - PD057VU6

メーカー部品番号データシート部品情報
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com