データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD057VU7 データシート(PDF) 6 Page - AZ Displays

部品番号 PD057VU7
部品情報  TECHNICAL SPECIFICATION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AZDISPLAYS [AZ Displays]
ホームページ  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VU7 データシート(HTML) 6 Page - AZ Displays

Back Button PD057VU7 Datasheet HTML 2Page - AZ Displays PD057VU7 Datasheet HTML 3Page - AZ Displays PD057VU7 Datasheet HTML 4Page - AZ Displays PD057VU7 Datasheet HTML 5Page - AZ Displays PD057VU7 Datasheet HTML 6Page - AZ Displays PD057VU7 Datasheet HTML 7Page - AZ Displays PD057VU7 Datasheet HTML 8Page - AZ Displays PD057VU7 Datasheet HTML 9Page - AZ Displays PD057VU7 Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PD057VU7
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:6
5.Input / Output Terminals
5-1) TFT-LCD Panel Driving
Connector type: ELCO 08-6210-033-340-800A+, PIN No 33 pins
Pin No Symbol I/O
Description
Remark
1
GND
-
GND
2
CK
I
Clock signal for sampling each data signal
3
Hsync
I
Horizontal synchronous signal(neqative)
4
Vsync
I
Vertical synchronous signal(neqative)
5
GND
-
GND
6
R0
RED data signal(LSB)
7
R1
I
RED data signal
8
R2
I
RED data signal
9
R3
I
RED data signal
10
R4
I
RED data signal
11
R5
I
RED data signal(MSB)
12
GND
-
GND
13
G0
I
GREEN data signal(LSB)
14
G1
I
GREEN data signal
15
G2
I
GREEN data signal
16
G3
I
GREEN data signal
17
G4
I
GREEN data signal
18
G5
I
GREEN data signal(MSB)
19
GND
-
GND
20
B0
I
Blue data signal(LSB)
21
B1
I
Blue data signal
22
B2
I
Blue data signal
23
B3
I
Blue data signal
24
B4
I
Blue data signal
25
B5
I
Blue data signal(MSB)
26
GND
-
GND
27
ENAB
I
Signal to settle the horizontal display position(positive)
Note5-1
28
VCC
-
+3.3V power supply
29
VCC
-
+3.3V power supply
30
R/L
I
Horizontal display mode select signal
L
Normal ,H
Left /Right reverse mode
Note5-2
31
U/D
I
Vertical display mode select signal
H
Normal ,L :Up/Down reverse mode
Note5-3
32
V/Q
I
VGA / QVGA mode select signal
Note11-2
33
GND
-
GND
Note5-1
The horizontal display start timing is settled in accordance with rising of ENAB signal.
In case ENAB is fixed ”Low”,the horizontal start timing is determined as described in
10-2. Don`t keep ENAB”High” during operation.
P-511-508(V:4)


同様の部品番号 - PD057VU7

メーカー部品番号データシート部品情報
logo
AZ Displays
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
727Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU4_V5 AZDISPLAYS-PD057VU4_V5 Datasheet
727Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU5 AZDISPLAYS-PD057VU5 Datasheet
447Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
More results

同様の説明 - PD057VU7

メーカー部品番号データシート部品情報
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com