データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA205B-5G-PF データシート(PDF) 6 Page - LIGITEK electronics co., ltd.

部品番号 LA205B-5G-PF
部品情報  LED ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGITEK [LIGITEK electronics co., ltd.]
ホームページ  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA205B-5G-PF データシート(HTML) 6 Page - LIGITEK electronics co., ltd.

  LA205B-5G-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA205B-5G-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA205B-5G-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA205B-5G-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA205B-5G-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA205B-5G-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The purpose of this is the resistance of
the device which is laid under ondition
of high temperature for hours.
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Solder Resistance
Test
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
Solderability Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Low Temperature
Storage Test
High Temperature
Storage Test
Thermal Shock Test
High Temperature
High Humidity Test
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
JIS C 7021: B-12
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-883:1008
JIS C 7021: B-10
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
This test intended to see soldering well
performed or not.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hous.
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
Test Condition
Operating Life Test
Reliability Test:
Test Item
Page
Reference
Standard
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Description
This test is conducted for the purpose
of detemining the resisance of a part
in electrical and themal stressed.
5/5
LA205B/5G-PF
PART NO.


同様の部品番号 - LA205B-5G-PF

メーカー部品番号データシート部品情報
logo
LIGITEK electronics co....
LA205B-4-4G-PF LIGITEK-LA205B-4-4G-PF Datasheet
108Kb / 6P
   LED ARRAY
More results

同様の説明 - LA205B-5G-PF

メーカー部品番号データシート部品情報
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com