データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7995YRJZ-1500RL7 データシート(PDF) 6 Page - Analog Devices

部品番号 AD7995YRJZ-1500RL7
部品情報  4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7995YRJZ-1500RL7 データシート(HTML) 6 Page - Analog Devices

Back Button AD7995YRJZ-1500RL7 Datasheet HTML 2Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 3Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 4Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 5Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 6Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 7Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 8Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 9Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7991/AD7995/AD7999
Rev. A | Page 6 of 28
A Version2
Y Version
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS (SDA, SCL)
Input High Voltage, VINH
0.7 (VDD)
0.7 (VDD)
V
VDD = 2.7 V to 5.5 V
0.9 (VDD)
V
VDD = 2.35 V to 2.7 V
Input Low Voltage, VINL
0.3 (VDD)
0.3 (VDD)
V
VDD = 2.7 V to 5.5 V
0.1 (VDD)
V
VDD = 2.35 V to 2.7 V
Input Leakage Current, IIN
±1
±1
μA
VIN = 0 V or VDD
Input Capacitance, CIN7
10
10
pF
Input Hysteresis, VHYST
0.1 (VDD)
0.1 (VDD)
V
LOGIC OUTPUTS (OPEN
DRAIN)
Output Low Voltage, VOL
0.4
0.4
V
ISINK = 3 mA
0.6
0.6
V
ISINK = 6 mA
Floating-State Leakage
Current
±1
±1
μA
Floating-State Output
Capacitance7
10
10
pF
Output Coding
Straight (natural) binary
Straight (natural) binary
THROUGHPUT RATE
18 × (1/fSCL)
18 × (1/fSCL)
fSCL ≤ 1.7 MHz; see the Serial Interface section
17.5 × (1/fSCL) +
2 μs
17.5 × (1/fSCL) +
2 μs
fSCL > 1.7 MHz; see the Serial Interface section
POWER REQUIREMENTS3
VREF = VDD; for fSCL = 3.4 MHz,
clock stretching is implemented
VDD
2.7
5.5
2.7
5.5
V
IDD
Digital inputs = 0 V or VDD
ADC Operating,
Interface Active
(Fully Operational)
0.09/0.25
mA
VDD = 3.3 V/5.5 V, 400 kHz fSCL
0.25
0.25/0.8
mA
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL
Power-Down, Interface
Active8
0.07/0.16
mA
VDD = 3.3 V/5.5 V, 400 kHz fSCL
0.26
0.26/0.85
mA
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL
Power-Down, Interface
Inactive8
1
1/1.6
μA
VDD = 3.3 V/5.5 V
Power Dissipation
ADC Operating,
Interface Active
(Fully Operational)
0.3/1.38
mW
VDD = 3.3 V/5.5 V, 400 kHz fSCL
0.83
0.83/4.4
mW
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL
Power-Down, Interface
Active8
0.24/0.88
mW
VDD = 3.3 V/5.5 V, 400 kHz fSCL
0.86
0.86/4.68
mW
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL
Power-Down, Interface
Inactive8
3.3
3.3/8.8
μW
VDD = 3.3 V/5.5 V
1 Functional from VDD = 2.35 V.
2 A Version tested at VDD = 3.3 V and fSCL = 3.4 MHz. Functionality tested at fSCL = 400 kHz.
3 Sample delay and bit trial delay enabled, t1 = t2 = 0.5/fSCL.
4 For fSCL up to 400 kHz, clock stretching is not implemented. Above fSCL = 400 kHz, clock stretching is implemented.
5 See the Terminology section.
6 For fSCL ≤ 1.7 MHz, clock stretching is not implemented; for fSCL > 1.7 MHz, clock stretching is implemented.
7 Guaranteed by initial characterization.
8 See the Reading from the AD7991/AD7995/AD7999 section.


同様の部品番号 - AD7995YRJZ-1500RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7995YRJZ-1500RL7 AD-AD7995YRJZ-1500RL7 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
More results

同様の説明 - AD7995YRJZ-1500RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7991 AD-AD7991_07 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
AD7995 AD-AD7995_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7999 AD-AD7999_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991 Datasheet
264Kb / 25P
   4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Rev. PrB
AD7992 AD-AD7992 Datasheet
266Kb / 21P
   2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
REV. PrH 09/03
AD7992 AD-AD7992_17 Datasheet
696Kb / 29P
   2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
EVAL-AD7997 AD-EVAL-AD7997_15 Datasheet
605Kb / 12P
   Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
EVAL-AD7998 AD-EVAL-AD7998_15 Datasheet
605Kb / 12P
   Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com