データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LDUV13743 データシート(PDF) 3 Page - LIGITEK electronics co., ltd.

部品番号 LDUV13743
部品情報  ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGITEK [LIGITEK electronics co., ltd.]
ホームページ  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDUV13743 データシート(HTML) 3 Page - LIGITEK electronics co., ltd.

  LDUV13743 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDUV13743 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDUV13743 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDUV13743 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDUV13743 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDUV13743 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PART NO. LDUV13743
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
Ratings
DUV
100
mW
120
mA
μA
50
V
500
30
mA
Absolute Maximum Ratings at Ta=25
Symbol
Parameter
IFP
PD
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Ir
ESD
Electrostatic Discharge( * )
Reverse Current @5V
Forward Current
IF
Page 2/5
Tstg
Storage Temperature
*
COLOR
Typical Electrical & Optical Characteristics (Ta=25
)
-30 ~ +100
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
Min.
Typ.
Max.
Min.
120
300
40
4.0
3.0
20
Emitted
Lens
400
Purple
Water Clear
LDUV13743
InGaN
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
PART NO
MATERIAL
Forward
voltage
@20mA(V)
Peak
wave
length
λPnm
Spectral
halfwidth
△λnm
Viewing
angle
2
θ 1/2
(deg)
20
Luminous
intensity
@
mA(mcd)
Operating Temperature
-20 ~ +80
Topr


同様の部品番号 - LDUV13743

メーカー部品番号データシート部品情報
logo
LIGITEK electronics co....
LDUV2043 LIGITEK-LDUV2043 Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
LDUV2043Z-A LIGITEK-LDUV2043Z-A Datasheet
181Kb / 8P
   ROUND TYPE LED LAMPS
LDUV3333 LIGITEK-LDUV3333 Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDUV3333-A02 LIGITEK-LDUV3333-A02 Datasheet
203Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LDUV65063-L15 LIGITEK-LDUV65063-L15 Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results

同様の説明 - LDUV13743

メーカー部品番号データシート部品情報
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com