データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA2080T1713 データシート(PDF) 3 Page - American Accurate Components, Inc.

部品番号 LA2080T1713
部品情報  Temperature Compenstated Low Noise Amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AAC [American Accurate Components, Inc.]
ホームページ  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

LA2080T1713 データシート(HTML) 3 Page - American Accurate Components, Inc.

  LA2080T1713 Datasheet HTML 1Page - American Accurate Components, Inc. LA2080T1713 Datasheet HTML 2Page - American Accurate Components, Inc. LA2080T1713 Datasheet HTML 3Page - American Accurate Components, Inc. LA2080T1713 Datasheet HTML 4Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Temperature Compenstated Low Noise Amplifiers
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
3
American Accurate Components, Inc.


同様の部品番号 - LA2080T1713

メーカー部品番号データシート部品情報
logo
American Accurate Compo...
LA2080N1409 AAC-LA2080N1409 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA2080N1813 AAC-LA2080N1813 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA2080N2109 AAC-LA2080N2109 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA2080N2113 AAC-LA2080N2113 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA2080N2120 AAC-LA2080N2120 Datasheet
85Kb / 1P
   Broadband Low Noise Medium Power Amplifiers
More results

同様の説明 - LA2080T1713

メーカー部品番号データシート部品情報
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
EL5131 INTERSIL-EL5131 Datasheet
250Kb / 7P
   500MHz Low Noise Amplifiers
logo
Fairchild Semiconductor
AN-6601 FAIRCHILD-AN-6601 Datasheet
654Kb / 4P
   Low Noise JFET Amplifiers
logo
Intersil Corporation
EL5132 INTERSIL-EL5132 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132 RENESAS-EL5132 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Intersil Corporation
EL5132 INTERSIL-EL5132_07 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
STMicroelectronics
BCY58 STMICROELECTRONICS-BCY58 Datasheet
99Kb / 6P
   LOW NOISE AUDIO AMPLIFIERS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com