データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N3297 データシート(PDF) 1 Page - Naina Semiconductor ltd.

部品番号 1N3297
部品情報  SILICON POWER DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NAINA [Naina Semiconductor ltd.]
ホームページ  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

1N3297 データシート(HTML) 1 Page - Naina Semiconductor ltd.

  1N3297 Datasheet HTML 1Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAINA
DO - 8
FEATURES
• Diffused Series
• Available in Normal & Reverse Polarity
• Industrial Grade
• Available In Avalanche Characteristic
ELECTRICALSPECIFICATIONS
I
F
Maximum Average Forward
100A
Current Te=1250C
VFM
Maximum peak forward
1.5V
voltage drop @ Rated IF(AV)
I
FSM
Maximum peak one cycle
2200A
(non-rep) surge current 10 m sec
I
FRM
Maximum peak repetitive
500 A
surge current
I2t
Maximum I2t rating (non-rep.) for
24000 A2 Sec
5 to 10 msec.
1N3288-1N3297
SILICON POWER DIODE
THERMALMECHANICAL SPECIFICATIONS
θθθθθJC
Maximum thermal resistance Junction to case
0.400C/W
Tj
Operating Junction Temp.
-650C to 1500C
Tstg
Storage temperature
-650C to 2000C
Mounting torque
2.0 M-kg min,
(Non-lubricated threads)
3.0 M-kg max
W
Approx, weight
150 gms.
ELECTRICAL RATINGS
TYPE
1N32881N3289 1N32901N3291 1N3292 1N3293 1N32941N3295IN3296
VRRM
Max. repetitive peak reverse
100
200
300
400
500
600
800
1000 1200
voltage (v)
VR(RMS) Max. R.M.S. reverse voltage(V)
70
140
210
280
350
420
560
700
840
VR
Max. D.C. Blocking Voltage (V)
100
200
300
400
500
600
800
1000 1200
Recommended R.M.S. working
40
80
120
160
200
240
320
400
480
Voltage(v)
IR(AV)
Max. Average reverse leakage
200
200
200
200
200
200
200
200
200
current @ VRRM Tc 250C (uA)
NAINA SEMICONDUCTOR LTD.,
D-95 ,SECTOR -63 NOIDA(INDIA)
e-mail:sales@nainasemi.com, web site: www.nainasemi.com


同様の部品番号 - 1N3297

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N3297 MICROSEMI-1N3297 Datasheet
141Kb / 2P
   SILICON POWER RECTIFIER
logo
TRANSYS Electronics Lim...
1N3297 TEL-1N3297 Datasheet
160Kb / 1P
   High Current Rectifier
logo
New Jersey Semi-Conduct...
1N3297 NJSEMI-1N3297 Datasheet
81Kb / 1P
   High Current Rectifier
logo
Microsemi Corporation
1N3297A MICROSEMI-1N3297A Datasheet
116Kb / 3P
   Silicon Power Rectifier
logo
GeneSiC Semiconductor, ...
1N3297A GENESIC-1N3297A Datasheet
467Kb / 3P
   Silicon Standard Recovery Diode
More results

同様の説明 - 1N3297

メーカー部品番号データシート部品情報
logo
Powersem GmbH
PSM70 POWERSEM-PSM70 Datasheet
79Kb / 1P
   Silicon Power Diode
PSM16 POWERSEM-PSM16 Datasheet
69Kb / 1P
   Silicon Power Diode
logo
Naina Semiconductor ltd...
150NS NAINA-150NS Datasheet
115Kb / 1P
   SILICON POWER DIODE
85HF NAINA-85HF Datasheet
78Kb / 1P
   SILICON POWER DIODE
25F NAINA-25F Datasheet
77Kb / 1P
   SILICON POWER DIODE
logo
Powersem GmbH
PSM250 POWERSEM-PSM250 Datasheet
79Kb / 1P
   Silicon Power Diode
logo
Naina Semiconductor ltd...
150U NAINA-150U Datasheet
87Kb / 1P
   SILICON POWER DIODE
logo
Meder Electronic
PSMPSMR70 MEDER-PSMPSMR70 Datasheet
146Kb / 1P
   Silicon Power Diode
logo
Naina Semiconductor ltd...
70HF NAINA-70HF Datasheet
77Kb / 1P
   SILICON POWER DIODE
logo
Powersem GmbH
PSM300 POWERSEM-PSM300 Datasheet
79Kb / 1P
   Silicon Power Diode
PSM320 POWERSEM-PSM320 Datasheet
82Kb / 1P
   Silicon Power Diode
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com