データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M-FIAM3BM21 データシート(PDF) 1 Page - Powerbox

部品番号 M-FIAM3BM21
部品情報  MILITARY COTS INPUT ATTENUATOR MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERBOX [Powerbox]
ホームページ  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

M-FIAM3BM21 データシート(HTML) 1 Page - Powerbox

  M-FIAM3BM21 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
379
Your dependable power partner – www.powerbox.com.au
M-FIAM3 & M-FIAM5 Series
MILIT AR Y COTS INPUT A TTENUA TOR MODULES
Features
MIL-STD-461E compliant.
MIL-STD-704E/F input transient protection.
MIL-STD-810, MIL-STD-202 environments.
Environment stress screening.
Inrush current limiting.
Reverse polarity protection.
Low profile mounting options.
Specifications
INPUT
Voltage
18-36Vdc (28Vdc modules).
180-375Vdc (270Vdc modules).
Input transient
50Vdc, 12.5ms, MIL-STD-704E/F, continuous
operation
(28Vdc modules).
400Vdc, 100ms, MIL-STD-704E/F
(270Vdc
modules).
Inrush limiting
0.007A/
μF (28Vdc modules).
0.018A/
μF (270Vdc modules).
Isolation
Input/output to base: 1,500Vrms
Input/output to base: 2,121Vdc
OUTPUT
Output current
20Amps (28Vdc input).
3Amps (270Vdc input).
Internal voltage drop
0.5Vdc typ., 1.0Vdc max. (28Vdc input).
3.0Vdc typ., 5.0Vdc max. (270Vdc input).
Efficiency
96-98%
EMC CHARACTERISTICS; MIL-STD-461E
Input power leads
CE101, CE102 (Conducted emissions).
CS101, CS114, CS115, CS116 (Conducted
susceptibility).
ENVIRONMENTAL
H-Grade
M-Grade
Storage temperature
-55°C to +125°C
-65°C to +125°C
Operating temperature
(baseplate)
-40°C to +100°C
-55°C to +100°C
Power cycling burn-in
12hrs 28 cycles
24hrs 56 cycles
Temperature cycling
12cycles
-65°C to +100°C
12cycles
65°C to +105°C
Test data supplied at these
temperatures
-40°C, +100°C
-55°C, +100°C
Environmental compliance
MIL-STD-810
MIL-STD-810
MODEL
NUMBER
NOMINAL INPUT
VOLTAGE
INPUT
RANGE
COMPATIBLE
MI-SERIES
M-FIAM5B [A] [B] [C]
28Vdc
18-36V
V24 series
M-FIAM3 [A] [B] [C]
270Vdc
180-375V
V300 series
Please substitute selection character (e.g. [a]) with value designator in the
appropriate table below.
Selection Table
A=PRODUCT
GRADE
B = PIN STYLE C = BASEPLATE
I = -40°C to +85°C
1 = Short
1= Slotted
M = -55°C to +85°C
2 = Long
2 = Threaded
3 = Short ModuMate
3 = Thru Hole
4 = Long ModuMate


同様の部品番号 - M-FIAM3BM21

メーカー部品番号データシート部品情報
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
M-FIAM3H11 VICOR-M-FIAM3H11 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
M-FIAM3H11 VICOR-M-FIAM3H11 Datasheet
316Kb / 6P
   Military COTS 270 Vin Filter Input Attenuator Module
M-FIAM3H12 VICOR-M-FIAM3H12 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
M-FIAM3H12 VICOR-M-FIAM3H12 Datasheet
316Kb / 6P
   Military COTS 270 Vin Filter Input Attenuator Module
More results

同様の説明 - M-FIAM3BM21

メーカー部品番号データシート部品情報
logo
Powerbox
MI-A22-MU POWERBOX-MI-A22-MU Datasheet
449Kb / 1P
   200 WATTS MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
   Military COTS Ripple Attenuator Modules
logo
Powerbox
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
   MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
logo
Vicor Corporation
MI-IAM VICOR-MI-IAM Datasheet
202Kb / 2P
   Military Input Attenuator Modules
M-FIAM3M21 VICOR-M-FIAM3M21 Datasheet
316Kb / 6P
   Military COTS 270 Vin Filter Input Attenuator Module
M-FIAM7M21 VICOR-M-FIAM7M21 Datasheet
492Kb / 6P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM5BM21 VICOR-M-FIAM5BM21 Datasheet
432Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM9M21 VICOR-M-FIAM9M21 Datasheet
577Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
103Kb / 2P
   Military COTS Component Front-end Modules
MI-RAM VICOR-MI-RAM Datasheet
209Kb / 1P
   Military Ripple Attenuator Modules
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com