データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVEL39DW データシート(PDF) 3 Page - Motorola, Inc

部品番号 MC100LVEL39DW
部品情報  첨2/4,첨4/6 Clock Generation Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100LVEL39DW データシート(HTML) 3 Page - Motorola, Inc

  MC100LVEL39DW Datasheet HTML 1Page - Motorola, Inc MC100LVEL39DW Datasheet HTML 2Page - Motorola, Inc MC100LVEL39DW Datasheet HTML 3Page - Motorola, Inc MC100LVEL39DW Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC100LVEL39 MC100EL39
4–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
MC100LVEL39 (continued)
AC CHARACTERISTICS (VEE = –3.8V to –3.0; VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VPP
Minimum Input Swing
CLK
250
250
250
250
mV
VCMR
Common Mode Range3
VPP < 500mV
VPP ≥ 500mV
–2.0
–1.8
–0.4
–0.4
–2.1
–1.9
–0.4
–0.4
–2.1
–1.9
–0.4
–0.4
–2.1
–1.9
–0.4
–0.4
V
tRR
Reset Recovery Time
100
100
100
100
ps
tPW
Minimum Pulse Width
CLK
MR
500
700
500
700
500
700
500
700
ps
tr, tf
Output Rise/Fall Times Q (20% – 80%)
280
550
280
550
280
550
280
550
ps
1. Skew is measured between outputs under identical transitions.
2. Minimum input swing for which AC parameters are guaranteed. The device will function reliably with differential inputs down to 100mV.
3. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within
the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range varies 1:1 with VEE. The
numbers in the spec table assume a nominal VEE = –3.3V. Note for PECL operation, the VCMR(min) will be fixed at 3.3V – |VCMR(min)|.
MC100EL39
DC CHARACTERISTICS (VEE = –4.2V to –5.46; VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
50
59
50
59
50
59
54
61
mA
VBB
Output Reference Voltage
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
V
IIH
Input High Current
150
150
150
150
µΑ
MC100EL39
AC CHARACTERISTICS (VEE = –4.2V to –5.46; VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Toggle Frequency
1000
1000
1000
1000
MHz
tPLH
tPHL
Propagation Delay
CLK
→ Q (Diff)
to Output
CLK
→ Q (S.E.)
MR
→ Q
760
710
600
960
1010
900
780
730
600
980
1030
900
800
750
610
1000
1050
910
850
800
630
1050
1100
930
ps
tSKEW
Within-Device Skew1
Q0 – Q3
50
50
50
50
ps
Part-to-Part
Q0 – Q3 (Diff)
200
200
200
200
tS
Setup Time
EN
→ CLK
DIVSEL
→ CLK
250
400
250
400
250
400
250
400
ps
tH
Hold Time
CLK
→ EN
CLK
→ Div_Sel
100
150
100
150
100
150
100
150
ps
VPP
Minimum Input Swing
CLK
250
250
250
250
mV
VCMR
Common Mode Range3
VPP < 500mV
VPP ≥ 500mV
–3.2
–3.0
–0.4
–0.4
–3.3
–3.1
–0.4
–0.4
–3.3
–3.1
–0.4
–0.4
–3.3
–3.1
–0.4
–0.4
V
tRR
Reset Recovery Time
100
100
100
100
ps
tPW
Minimum Pulse Width
CLK
MR
500
700
500
700
500
700
500
700
ps
tr, tf
Output Rise/Fall Times Q (20% – 80%)
280
550
280
550
280
550
280
550
ps
1. Skew is measured between outputs under identical transitions.
2. Minimum input swing for which AC parameters are guaranteed. The device will function reliably with differential inputs down to 100mV.
3. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within
the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range varies 1:1 with VEE. The
numbers in the spec table assume a nominal VEE = –4.5V. Note for PECL operation, the VCMR(min) will be fixed at 5.0V – |VCMR(min)|.


同様の部品番号 - MC100LVEL39DW

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEL39DW ONSEMI-MC100LVEL39DW Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL39DWG ONSEMI-MC100LVEL39DWG Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL39DWR2 ONSEMI-MC100LVEL39DWR2 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL39DWR2G ONSEMI-MC100LVEL39DWR2G Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL39DWR2G ONSEMI-MC100LVEL39DWR2G Datasheet
160Kb / 6P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
More results

同様の説明 - MC100LVEL39DW

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V Datasheet
68Kb / 5P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL38 ONSEMI-MC100LVEL38 Datasheet
128Kb / 5P
   첨2, 첨4/6 Clock Generation Chip
1996 REV 1
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V_06 Datasheet
64Kb / 6P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100EP139 ONSEMI-MC100EP139 Datasheet
140Kb / 8P
   첨2/4, 첨4./5/6 Clock Generation Chip
December, 1999 ??Rev. 1
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838_06 Datasheet
483Kb / 5P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com