データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD110-45-2 データシート(PDF) 2 Page - Powerbox

部品番号 PD110-45-2
部品情報  40-110 WATTS WIDE INPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERBOX [Powerbox]
ホームページ  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PD110-45-2 データシート(HTML) 2 Page - Powerbox

  PD110-45-2 Datasheet HTML 1Page - Powerbox PD110-45-2 Datasheet HTML 2Page - Powerbox PD110-45-2 Datasheet HTML 3Page - Powerbox PD110-45-2 Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Your dependable power partner – www.powerbox.com.au
123
PD Series
40-110 W A TTS WIDE INPUT
NOTES
1. All multi-output units may be operated at no load without damage. At no load, output tolerance increases to 10%
2. Suffix codes for mechanical format and input range are as follows. PD40-XXYZ; “XX” is the model code from the above table, “Y” is the input range
(L = 10–30VDC, M = 20–60VDC, H = 30–90VDC) and “Z” is the mechanical format (A = open PCB, B=L-bracket, C=enclosed), eg, PD40-31MC (20–60VDC
input range, enclosed).
3. “L” series is suitable only for 75% of the above stated maximum output power.
Selection Table
PD40 SERIES (40W)
MAXIMUM
OUTPUT
POWER
MODEL
NUMBER
OUTPUT #1
OUTPUT #2
OUTPUT #3
VNOM. IMIN.
IMAX.
TOL.
VNOM. IMIN.
IMAX.
TOL.
VNOM. IMIN.
IMAX.
TOL.
PD40-10
5V
0A
8.0A
2%
40W
PD40-12
12V
0A
3.5A
1%
40W
PD40-13
15V
0A
3.0A
1%
40W
PD40-14
24V
0A
2.0A
1%
40W
PD40-23
+5V
0.5A
3.0A
3%
+12V
0.2A
2A
5%
40W
PD40-24
+5V
0.5A
3.0A
3%
+15V
0.2A
2A
5%
40W
PD40-25
+5V
0.5A
3.0A
3%
+24V
0.1A
1A
5%
40W
PD40-30
+5V
0.5A
3.0A
3%
+12V
0.2A
2A
5%
-5V
0A
0.8A
5%
40W
PD40-31
+5V
0.5A
3.0A
3%
+12V
0.2A
2A
5%
-12V
0A
0.8A
5%
40W
PD40-32
+5V
0.5A
3.0A
3%
+15V
0.2A
2A
5%
-15V
0A
0.8A
5%
40W
PD40-33
+5V
0.5A
3.0A
3%
+15V
0.2A
2A
5%
-12V
0A
0.8A
5%
40W
PD40-39
+5V
0.5A
3.0A
3%
+24V
0.1A
1A
5%
-12V
0A
0.8A
5%
40W
Pin Chart
MODEL
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 6
PD40-10
PD40-12
OUTPUT
OUTPUT
OUTPUT
RETURN
RETURN
RETURN
PD40-13
PD40-14
#1
#1
#1
PD40-23
PD40-24
OUTPUT
OUTPUT
OUTPUT
COMMON
COMMON
N/C
PD40-25
#2
#1
#1
RETURN
RETURN
PD40-30
PD40-31
OUTPUT
OUTPUT
OUTPUT
COMMON
COMMON
OUTPUT
PD40-32
PD40-33
#2
#1
#1
RETURN
RETURN
#3
PD40-39
NOTES
1. Dimensions shown in inch (mm)
2. Tolerance 0.02 (0.5) maximum
3. Input connector mates with Molex housing 09-50-3041 and
Molex 2878 series crimp terminal
4. Output connector mates with Molex housing 09-50-3061 and
Molex 2878 series crimp terminal
5. Weight: 300 grams approx (PCB format)
6. For the mechanical details of L-bracket and enclosed formats
please consult sales office
Technical Illustration
PD40 ENCLOSED


同様の部品番号 - PD110-45-2

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
PD110-45-2 ETC-PD110-45-2 Datasheet
90Kb / 2P
   DC/DC Converters
logo
Tumbler Technologies + ...
PD110-45-2 TRUMPOWER-PD110-45-2 Datasheet
230Kb / 3P
   110 WATT DC TO DC CONVERTERS
More results

同様の説明 - PD110-45-2

メーカー部品番号データシート部品情報
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
   40 to 110 VDC Input
logo
Astec America, Inc
LPQ110 ASTEC-LPQ110 Datasheet
81Kb / 2P
   110 Watts
LPS110 ASTEC-LPS110 Datasheet
203Kb / 2P
   110 Watts
logo
Power-One
MAP80 POWER-ONE-MAP80 Datasheet
234Kb / 4P
   Wide Range Input for 110/220 VAC Applications
MAP40 POWER-ONE-MAP40 Datasheet
127Kb / 3P
   Wide Range Input for 110/220 VAC Applications
logo
Astec America, Inc
LPT40-M ASTEC-LPT40-M Datasheet
81Kb / 3P
   40 Watts
LPT40 ASTEC-LPT40 Datasheet
82Kb / 3P
   40 Watts
SA40-1313 ASTEC-SA40-1313 Datasheet
513Kb / 2P
   40 Watts
logo
Power-One
BLP40-1005 POWER-ONE-BLP40-1005 Datasheet
118Kb / 5P
   40 Watts
logo
Advanced Power Technolo...
1517-110M ADPOW-1517-110M Datasheet
113Kb / 4P
   110 Watts, 40 Volts, 200us, 10% Radar 1480 to 1650 MHz
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com