データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD-3136 データシート(PDF) 1 Page - Bothhand USA, LP.

部品番号 AD-3136
部品情報  ADSL LINE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOTHHAND [Bothhand USA, LP.]
ホームページ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-3136 データシート(HTML) 1 Page - Bothhand USA, LP.

  AD-3136 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADSL LINE TRANSFORMER
P/N: AD-3136 DATA SHEET
BOTHHAND
USA
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Feature
!
Recommended by Analog Devices for use with their
AD20MSP930 ADSL Chipset.
!
Excellent THD performance in a small footprint.
!
Operating Temperature.: -10℃ to+60℃.
!
Storage Temperature.: -25
℃ to +75
..
Electrical Specifications @ 25°C
OCL
(mH Min)
@ 10KHz/0.1V
Leakage Inductance(uH
Max)
@ 300 KHz/0.1V
Longitudinal
Balance (dB Min)
Part
Number
Mounting
Turn Ratio
(±2%)
(1-4):(10-7)
(1-4),(2+3)short
(1-4),(2+3),10+7,8+9)short
(from 10KHz to
1.1MHz)
AD-3136
THT
1:1.1
1.2
10.0
-45
Additional Specifications
DC Resistance
(Ω Max)
Part
Number
THD
(dB Max)
(1-4),(2+3)short
(10-7),(8+9)short
Isolation Voltage
(Vrms)
Insertion Loss
(dB Max)
@ 300 KHz
Application
AD-3136
-80 @ 30KHz 4Vpp
1.25
1.4
1500
-0.5
CPE
Schematic
Mechanical


同様の部品番号 - AD-3136

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
AD-3114S BOTHHAND-AD-3114S Datasheet
281Kb / 1P
   ADSL LINE TRANSFORMER
AD-3163 BOTHHAND-AD-3163 Datasheet
89Kb / 1P
   ADSL MICRO FILTER
AD-3163C BOTHHAND-AD-3163C Datasheet
85Kb / 1P
   ADSL POTS LOW PASS FILTERS
More results

同様の説明 - AD-3136

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
AD-2013 BOTHHAND-AD-2013 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2016 BOTHHAND-AD-2016 Datasheet
52Kb / 1P
   ADSL LINE TRANSFORMER
AD-2031 BOTHHAND-AD-2031 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2926S BOTHHAND-AD-2926S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-2951 BOTHHAND-AD-2951 Datasheet
361Kb / 1P
   ADSL LINE TRANSFORMER
AD-5028S BOTHHAND-AD-5028S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-5970S BOTHHAND-AD-5970S Datasheet
254Kb / 1P
   ADSL LINE TRANSFORMER
logo
XFMRS Inc.
XFADSL46 XFMRS-XFADSL46 Datasheet
70Kb / 1P
   ADSL Line Transformer
logo
Bothhand USA, LP.
AD-2181 BOTHHAND-AD-2181 Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMER
AD-5070S BOTHHAND-AD-5070S Datasheet
96Kb / 1P
   ADSL LINE TRANSFORMER
XM-6027S BOTHHAND-XM-6027S Datasheet
71Kb / 1P
   ADSL LINE TRANSFORMER
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com