データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA-0505S データシート(PDF) 2 Page - Bothhand USA, LP.

部品番号 BA-0505S
部品情報  0.5 to 1 Watt Isolated DC-DC Converter Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOTHHAND [Bothhand USA, LP.]
ホームページ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-0505S データシート(HTML) 2 Page - Bothhand USA, LP.

  BA-0505S Datasheet HTML 1Page - Bothhand USA, LP. BA-0505S Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BA - SIL Series
0.5 to 1 Watt Isolated DC-DC Converter
Single Output
BOTHHAND USA. http://www.bothhand.com
4. Single Output Selection Guide:
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
0.5 W Single Output Series:
BA-053R3S
3.3
150
28
133
60
± 12
74
BA-0505S
5.0
100
28
135
60
± 10
74
BA-0512S
5
12.0
42
28
133
100
± 8
76
BA-1205S
5.0
100
18
56
60
± 8
74
BA-1212S
12
12.0
42
18
55
100
± 8
76
BA-2405S
24
5.0
100
5
29
60
± 8
72
1.0 W Single Output Series:
BA-053R3S1
3.3
300
30
267
60
± 10
74
BA-0505S1
5.0
200
30
253
60
± 8
79
BA-0512S1
5
12.0
100
30
307
100
± 8
78
BA-1205S1
5.0
200
14
105
60
± 8
79
BA-1212S1
12
12.0
83
14
105
100
± 8
79
BA-2405S1
24
5.0
200
5
54
60
± 8
77
BA-xxxxS1
Notes:
1.
Standard output voltage is 3.3V, 5V, 9V, 12V, 15V,
BA-xxxxS1 is for Customer Design.
2.
Load regulation is for Each output current change from 20 % to 100 % Max. Load.
Mechanical
Dimension
Dimension
Dimension
Dimension:
Pin
1K Vdc - Single
1
-Vin
2
+Vin
3
Vo (-)
4
Vo (+)
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )


同様の部品番号 - BA-0505S

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
BA-0505S1HLF BOTHHAND-BA-0505S1HLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-0505S1HLF BOTHHAND-BA-0505S1HLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-0505S1LF BOTHHAND-BA-0505S1LF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
BA-0505S1LF BOTHHAND-BA-0505S1LF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
BA-0505S2LF BOTHHAND-BA-0505S2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
More results

同様の説明 - BA-0505S

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
BA-SHLF BOTHHAND-BA-SHLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-SH-LF-SERIES BOTHHAND-BA-SH-LF-SERIES Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-053R3D BOTHHAND-BA-053R3D Datasheet
318Kb / 4P
   0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
BB-123R3S BOTHHAND-BB-123R3S Datasheet
261Kb / 3P
   1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
logo
Microdc power Technolog...
RB-XS MICRODC-RB-XS Datasheet
401Kb / 2P
   0.5 Watt SIP4 Single Output DC/DC-Converter
logo
Wall Industries,Inc.
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
logo
Bothhand USA, LP.
B1-0505DS BOTHHAND-B1-0505DS Datasheet
450Kb / 6P
   1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com