データシートサーチシステム |
|
BC-2415D1 データシート(PDF) 1 Page - Bothhand USA, LP. |
|
BC-2415D1 データシート(HTML) 1 Page - Bothhand USA, LP. |
1 / 5 page BC Series 1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output BOTHHAND USA. http://www.bothhand.com 1. Features : ! 24 Pin DIL Package ! Regulated Output & Low Ripple and Noise ! Input / Output Isolation 1K Vdc 3K Vdc ! 100 % Burn-In ! Input π- Filter ! Custom Design Available 2. Absolute maximum ratings: : : : ( Exceeding these values may damage the module. These are not continuous operating ratings ) Parameter Condition Min. Typ. Max. Unit 5V Input Model -0.7 5 7.5 12V Input Model -0.7 12 15 Input Absolute Voltage Range 24V Input Model -0.7 24 30 Vdc Output Short circuit duration Nominal Input Range Indefinite & Auto-Restart Operating temperature Output Full Load -40 --- +85 Storage temperature -55 --- +105 ℃ 3. Nominal Input / Output Electrical Specifications : ( Specifications typical at Ta = +25℃, nominal input voltage, rated output current unless otherwise noted ) Parameter Condition Min. Typ. Max. Unit 5V Input Model 4.5 5 5.5 12V Input Model 10.8 12 13.2 Input Voltage Range 24V Input Model 21.6 24 26.4 Vdc Line Regulation Output full Load --- --- ± 0.5 Single Output Model --- --- ± 0.5 Load Regulation Dual Output Model ± 2 Output Voltage Accuracy Nominal Input --- ± 1.0 ± 2.0 Output Voltage Balance Dual Output at same Load --- --- ± 1.0 % Switching Frequency --- 125 --- KHz Temperature Coefficient Nominal Input --- ± 0.01 ± 0.02 % / ℃ Standard Series 1500 --- --- Isolation Voltage High Isolation Series 3000 --- --- Vdc Isolation Resistance 500 Vdc 1000 --- --- MΩ Isolation Capacitance 1 KHz / 250 mV rms --- 60 --- pF |
同様の部品番号 - BC-2415D1 |
|
同様の説明 - BC-2415D1 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |