データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD-4812S6 データシート(PDF) 4 Page - Bothhand USA, LP.

部品番号 BD-4812S6
部品情報  2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOTHHAND [Bothhand USA, LP.]
ホームページ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BD-4812S6 データシート(HTML) 4 Page - Bothhand USA, LP.

  BD-4812S6 Datasheet HTML 1Page - Bothhand USA, LP. BD-4812S6 Datasheet HTML 2Page - Bothhand USA, LP. BD-4812S6 Datasheet HTML 3Page - Bothhand USA, LP. BD-4812S6 Datasheet HTML 4Page - Bothhand USA, LP. BD-4812S6 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BD Series
2 to 6 Watt Isolated DC-DC Converter
Single / Dual Output
BOTHHAND USA. http://www.bothhand.com
5. Dual Output Selection Guide:
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
2 W Dual output Series
BD-1205D2
± 5.0
± 200
9
225
50
± 2
74
BD-1212D2
9 ~ 18
± 12.0
± 83
9
215
100
± 2
77
BD-2405D2
± 5.0
± 200
6
110
50
± 2
76
BD-2405D2
18 ~ 36
± 12.0
± 83
7
106
100
± 2
78
BD-4805D2
± 5.0
± 200
3
56
50
± 2
75
BD-4812D2
36 ~ 75
± 12.0
± 83
3
53
100
± 2
78
4 W Dual output Series
BD-123R3D4
± 3.3
± 500
20
367
50
± 2
75
BD-1205D4
9 ~ 18
± 5.0
± 400
22
439
50
± 2
76
BD-2405D4
± 5.0
± 400
13
219
50
± 2
76
BD-2412D4
± 12.0
± 167
15
209
100
± 2
80
BD-2415D4
18 ~ 36
± 15.0
± 133
17
208
120
± 2
80
BD-4805D4
± 5.0
± 400
10
108
50
± 2
77
BD-4812D4
± 12.0
± 167
11
106
100
± 2
79
BD-4815D4
36 ~ 75
± 15.0
± 133
12
104
120
± 2
80
6 W Dual output Series
BD-1205D6
± 5.0
± 600
22
658
50
± 2
76
BD-1212D6
9 ~ 18
± 12.0
± 250
25
633
100
± 2
79
BD-2405D6
± 5.0
± 600
13
321
50
± 2
78
BD-2412D6
± 12.0
± 250
14
317
100
± 2
79
BD-2415D6
18 ~ 36
± 15.0
± 200
15
313
120
± 2
80
BD-4805D6
± 5.0
± 600
10
162
50
± 2
77
BD-4812D6
± 12.0
± 250
13
156
100
± 2
80
BD-4815D6
36 ~ 75
± 15.0
± 200
14
156
120
± 2
80
BD-xxxxDx
Notes:
1.
BD-xxxxDx is for Customer Design.
2.
Load regulation is for output current change from 0 % to 100 % Max. Load.
3.
Suffix “H” for 3.5K Vdc Isolation…… ( BD-xxxxDxH )
4.
Suffix “M” for Metal case …………… ( BD-xxxxDxM )


同様の部品番号 - BD-4812S6

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
BD-4812S6LF BOTHHAND-BD-4812S6LF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
More results

同様の説明 - BD-4812S6

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
BB-123R3S BOTHHAND-BB-123R3S Datasheet
261Kb / 3P
   1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BD-LF-SERIES BOTHHAND-BD-LF-SERIES Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
B7-123R3S10 BOTHHAND-B7-123R3S10 Datasheet
319Kb / 3P
   10 to 15 Watt Isolated DC-DC Converter Single / Dual Output
logo
Microdc power Technolog...
2A-NXT MICRODC-2A-NXT Datasheet
674Kb / 4P
   2 Watt FIXED INPUT, ISOLATED Dual Single SMD Output DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com