データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA06N3V3 データシート(PDF) 1 Page - Bothhand USA, LP.

部品番号 SA06N3V3
部品情報  13~24 Watts Switching Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOTHHAND [Bothhand USA, LP.]
ホームページ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA06N3V3 データシート(HTML) 1 Page - Bothhand USA, LP.

  SA06N3V3 Datasheet HTML 1Page - Bothhand USA, LP. SA06N3V3 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
SA06N
Series
13~24 Watts Switching Adapter
FEATURES
●Cispr 22’B’, Vcci’B’, Fcc’B’ Compliance
●Light Weight: 210g only
●Efficiency 69%~81%
●Over-Voltage Protective Installation
●Short-circuit Protective Installation
●Protection Type: Auto-Recover
●Operating Temperature 0℃~40℃
SPECIFICATION
Model
Item
SA06N3V3
SA06N05
SA06N06
SA06N09
SA06N12
Output Voltage
3.3V
5V
6V
9V
12V
Output Current
4.0A
4.0A
3.0A
2.0A
2.0A
Input Voltage
AC 90~264V
Input Frequency
47~63Hz
Input Current
0.8A Maximum
Inrush Current
40A Maximum
Line Regulation
2% Maximum
Load Regulation
± 5%
Ripple & Noise
1% Maximum
Efficiency
69% Typical
74% Typical
75% Typical
78% Typical
81% Typical
Temperature Coefficient
0.05%/℃
Over-Voltage Protection
7V Maximum
10V Maximum
12V Maximum
18V Maximum
24V Maximum
Operating Temperature
0~40℃
Storage Temperature
-20~85℃
Fig. A
UL, CUL, CB, BSMI,
CE, PSE
UL, CUL, CB, LPS, BSMI, CE, PSE
Fig. U
UL, CUL, TUV, CB,
BSMI, CE, PSE
UL, CUL, TUV, CB, LPS, BSMI, CE, PSE
Fig. V
Safety Description
Fig. W
UL, CUL, TUV, CB,
BSMI, CE
UL, CUL, TUV, CB, LPS, BSMI, CE
UL, CUL, TUV, CB,
LPS, BSMI, CE, PSE
(*): Under Development
(I/P): In Process


同様の部品番号 - SA06N3V3

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SA06 ETC-SA06 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-12S ETC-SA06-24-12S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-15S ETC-SA06-24-15S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-24S ETC-SA06-24-24S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
More results

同様の説明 - SA06N3V3

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
SA06H12 BOTHHAND-SA06H12 Datasheet
41Kb / 2P
   30 Watts Switching Adapter
EA1060C BOTHHAND-EA1060C Datasheet
40Kb / 2P
   36 Watts Switching Adapter
SA0612 BOTHHAND-SA0612 Datasheet
43Kb / 2P
   20 Watts Switching Adapter
SA01H12 BOTHHAND-SA01H12 Datasheet
50Kb / 2P
   15 Watts Switching Adapter
SP9715 BOTHHAND-SP9715 Datasheet
49Kb / 2P
   10~15 Watts Switching Adapter
EA1050E BOTHHAND-EA1050E Datasheet
40Kb / 2P
   30~42 Watts Switching Adapter
SA0104 BOTHHAND-SA0104 Datasheet
49Kb / 2P
   5~7.5 Watts Switching Adapter
SA023V3 BOTHHAND-SA023V3 Datasheet
53Kb / 2P
   6~15 Watts Switching Adapter
EA1060A BOTHHAND-EA1060A Datasheet
40Kb / 2P
   50~60 Watts Switching Adapter
SA06L3V3 BOTHHAND-SA06L3V3 Datasheet
46Kb / 2P
   6~15 Watts Switching Adapter
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com