データシートサーチシステム |
|
Q1.8432-S-30-100 データシート(PDF) 2 Page - Jauch Quartz Gmbh |
|
Q1.8432-S-30-100 データシート(HTML) 2 Page - Jauch Quartz Gmbh |
2 / 2 page Jauch Quartz GmbH • e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice Quartz Crystal · HC49/U-SMC temperature (°C) time (s) 150 260 200 50 100 60 ~180 s 60 s max. 10 s max. 260 °C max. 180 ±5 °C 220 ±5 °C Reflow Soldering Profile 16.0±0.1 4.0±0.1 11.3±0.2 ø 1.5±0.1 2.0±0.1 ø 1.5±0.1 0.3 5.5 Direction of feed Taping Specification SMD Version 750 pcs per reel in mm 2.0 ø 21 120° 24.8 Marking frequency company code / load capacitance data code / internal code note: parts are also suitable for soldering systems with lead (Pb) content |
同様の説明 - Q1.8432-S-30-100 |