データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

O125.0-VX3PQ データシート(PDF) 2 Page - Jauch Quartz Gmbh

部品番号 O125.0-VX3PQ
部品情報  SMD Oscillator with Stop Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JAUCH [Jauch Quartz Gmbh]
ホームページ  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O125.0-VX3PQ データシート(HTML) 2 Page - Jauch Quartz Gmbh

  O125.0-VX3PQ Datasheet HTML 1Page - Jauch Quartz Gmbh O125.0-VX3PQ Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Oscillator · VX3 · 2.8 V · Stop Function
8.0±0.2
ø 1.5±0.1
4.0
2.0
0.3±0.1
2.7
5.4
Direction of feed
500 pcs per reel
in mm
Taping Specification (JIS-C0806)
2.0
ø21
120°
17.5
reel marking: type - OH/H
temperature (°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260 °C max.
180 ±5 °C
220 ±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content
Marking
type / frequency
date code:
A ~ M: Jan.- Dec.
5: 2005
6: 2006
7: 2007
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
Enable / Disable Function
pin #1 (e/d control)
pin #3 (output)
open
active
high ”1” (VIH ≥ 0.8 VDC)
active
low ”0” (VIL ≤ 0.2 VDC)
high impedance
stop function:
• oscillator stops
• output high impedance


同様の部品番号 - O125.0-VX3PQ

メーカー部品番号データシート部品情報
logo
Jauch Quartz Gmbh
O125.0-VX3L JAUCH-O125.0-VX3L Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
O125.0-VX3L-T1 JAUCH-O125.0-VX3L-T1 Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
O125.0-VX3LH JAUCH-O125.0-VX3LH Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
O125.0-VX3LH-T1 JAUCH-O125.0-VX3LH-T1 Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
O125.0-VX3LP JAUCH-O125.0-VX3LP Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
More results

同様の説明 - O125.0-VX3PQ

メーカー部品番号データシート部品情報
logo
Jauch Quartz Gmbh
JO22-2.8V JAUCH-JO22-2.8V Datasheet
168Kb / 2P
   SMD Oscillator with Stop Function
JO22-1.8V JAUCH-JO22-1.8V Datasheet
168Kb / 2P
   SMD Oscillator with Stop Function
JO32-3.0V JAUCH-JO32-3.0V Datasheet
156Kb / 2P
   SMD Oscillator with Stop Function
JO21-3.3V JAUCH-JO21-3.3V Datasheet
180Kb / 2P
   SMD Oscillator with Stop Function
JO53-1.8V JAUCH-JO53-1.8V Datasheet
154Kb / 2P
   SMD Oscillator with Stop Function
JO32-2.5V JAUCH-JO32-2.5V Datasheet
157Kb / 2P
   SMD Oscillator with Stop Function
JO32-2.8V JAUCH-JO32-2.8V Datasheet
156Kb / 2P
   SMD Oscillator with Stop Function
VX3-2.5V JAUCH-VX3-2.5V Datasheet
143Kb / 2P
   SMD Oscillator with Stop Function
JO53-2.5V JAUCH-JO53-2.5V Datasheet
155Kb / 2P
   SMD Oscillator with Stop Function
VX3-3.3V JAUCH-VX3-3.3V Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
JO75-2.5V JAUCH-JO75-2.5V Datasheet
229Kb / 2P
   SMD Oscillator with Stop Function
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com