データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST3005 データシート(PDF) 4 Page - Sitronix Technology Co., Ltd.

部品番号 ST3005
部品情報  Speech Decoder/Encoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITRONIX [Sitronix Technology Co., Ltd.]
ホームページ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST3005 データシート(HTML) 4 Page - Sitronix Technology Co., Ltd.

  ST3005 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST3005 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST3005 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST3005 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST3005 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST3005 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST3005 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST3005 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST3005 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ST3005
Ver 0.8
4/11
2007-06-12
REQ
1
O
DSP wants to sent command to MCU, low active
RDY
1
O
DSP permit MCU access data, low active, not used
PMODE
1
I
Parallel interface select
0: Parallel (default). Connecting to GND
1: Not used
P/S
1
I
Parallel/serial interface select
0: Serial
1: Parallel
VDD25
2
I
2.5V power
VSS25
2
I
2.5V power ground
VDD33
2
I
3.3V power
VSS33
2
I
3.3V power ground
REGVDD33
1
I
Digital power input of regulator
REGVSS33
1
I
Digital power ground of regulator
PLLVDD25
1
I
Digital power input of PLL
PLLVSS25
1
I
Digital power ground of PLL
PLLVDD25A
1
I
Analog power input of PLL
PLLVSS25A
1
I
Analog power ground of PLL
DACVDD33A
1
I
Analog power input of DAC
DACVSS33A
1
I
Analog power ground of DAC
DACOVDD33A
2
I
Analog power input of DAC output stage
Power
DACOVSS33A
2
I
Analog power ground of DAC output stage
VCCOUT
1
O
2.5V output of regulator
Regulator
VREF
1
O
Voltage reference
DACO
2
O
DAC direct drive pin(+)
DACOB
2
O
DAC direct drive pin(-)
DAC
VCM
1
O
Common mode voltage reference


同様の部品番号 - ST3005

メーカー部品番号データシート部品情報
logo
KOA Speer Electronics, ...
ST3000 KOA-ST3000 Datasheet
115Kb / 4P
   thermal sensors
logo
Littelfuse
ST30002B LITTELFUSE-ST30002B Datasheet
685Kb / 3P
   Power Thermistors Inrush Current Limiting Power Thermistor
ST30003B LITTELFUSE-ST30003B Datasheet
685Kb / 3P
   Power Thermistors Inrush Current Limiting Power Thermistor
logo
Sitronix Technology Co....
ST3003 SITRONIX-ST3003 Datasheet
429Kb / 11P
   Speech Decoder/Encoder
ST3004 SITRONIX-ST3004 Datasheet
421Kb / 11P
   Speech Decoder/Encoder
More results

同様の説明 - ST3005

メーカー部品番号データシート部品情報
logo
Sitronix Technology Co....
ST3003 SITRONIX-ST3003 Datasheet
429Kb / 11P
   Speech Decoder/Encoder
ST3004 SITRONIX-ST3004 Datasheet
421Kb / 11P
   Speech Decoder/Encoder
ST3006 SITRONIX-ST3006 Datasheet
421Kb / 11P
   Speech Decoder/Encoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
   CTCSS ENCODER / DECODER
UM3751 ETC-UM3751 Datasheet
105Kb / 1P
   PROGRAMMABLE ENCODER/DECODER
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120_07 Datasheet
768Kb / 36P
   Infrared Encoder/Decoder
2007
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com