データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST3005 データシート(PDF) 11 Page - Sitronix Technology Co., Ltd.

部品番号 ST3005
部品情報  Speech Decoder/Encoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITRONIX [Sitronix Technology Co., Ltd.]
ホームページ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST3005 データシート(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST3005 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST3005 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST3005 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST3005 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST3005 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST3005 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST3005 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST3005 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST3005 Datasheet HTML 11Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ST3005
The above information is the exclusive intellectual property of Sitronix Technology Corp. and shall not be disclosed, distributed or reproduced without
permission from Sitronix. Sitronix Technology Corp. reserves the right to change this document without prior notice and makes no warranty for any
errors which may appear in this document. Sitronix products are not intended for use in life support, critical care, medical, safety equipment, or
similar applications where products failure could result in injury, or loss of life, or personal or physical harm, or any military or defense application, or
any governmental procurement to which special terms or provisions may apply.
Ver 0.8
11/11
2007-06-12
8
8.. R
RE
EV
VIIS
SIIO
ON
N
REVISION
DESCRIPTION
PAGE
DATE
0.1
First release
2005/03/15
0.2
1. Change PLL maximum output from 36MHz to 32MHz
2. Revise HBRC 11.025kHz playback bps value
3. Add 12k/16k/24kbps@8KHz encoder
4. A drawback of using R-oscillator clock is described
5. Add DC Electrical Characteristics
6. Remove VREF, CLICK, IREF capacitor
7. Revise R-oscillator voltage from VDD33 to VDD25, revise R resistor from
100kOhn to 97kOhm, remove 100pF capacitor
8. Wire SO1 and PWD pins
9. PMODE shorts to GND
10. Relocate RDY pin from MCU parallel and serial interface
1
1
1
1
1,5
10
10
10
10
10
2005/05/12
0.3
1. Add MBRC
2. Modify DAC driving capacity
3. Change IREF to DACVDD33A, change CLICK to DACVSS33A
4. Rename DACVDD33A to DACOVDD33A, rename DACVSS33A to
DACOVSS33A
1
1
2,4,8,9,10
2,4,8,9,10
2005/06/28
0.4
1. TEST[2:0] wire to GND
2. WR, RD cascade 120 Ohm and parallel 10p capacitor
3. ECLK cascade 100 Ohm to low noise
4. Remove R-Oscillator function
1
10
10
1,3,10
2005/0705
0.5
1. System low voltage changes from 2.7V to 3.0V
2. The resistor in RD/WR changes from 120Ohm to 220Ohm
1
10
2005/08/02
0.6
1. Change PLL output frequency from 32MH to 28MHz
2. Add inductor and capacitor before power input, revise regulator output
capacitor, DACVDD33A and DACOVDD33A power come from battery,
add 4MHz crystal label
1
10
2005/09/05
0.7
1. Add CMODE, ECLK, TEST pins descriptions
2. Revise PMODE pin parallel interface select description
3. Revise output driving/sinking, input low/high, and input pull-up/pull-down
resistor DC electrical characteristics
4. Revise Read access time from 10ns to 25ns
5. Remove external DAC/ADC block, DC2DC block. Add headphone jack
and CMD pin cascade resistor and parallel capacitor. Revise DAC power
circuit. Add note item 2 to 4
3
4
5
7
10
2006/03/17
0.8
1. Revise parallel interface timing diagram(CWD pin change to CMD Pin)
2. Application circuit diagram Add parallel capacitor and cascade resistor
circuit on CS pin
6
10
2006/04/25


同様の部品番号 - ST3005

メーカー部品番号データシート部品情報
logo
KOA Speer Electronics, ...
ST3000 KOA-ST3000 Datasheet
115Kb / 4P
   thermal sensors
logo
Littelfuse
ST30002B LITTELFUSE-ST30002B Datasheet
685Kb / 3P
   Power Thermistors Inrush Current Limiting Power Thermistor
ST30003B LITTELFUSE-ST30003B Datasheet
685Kb / 3P
   Power Thermistors Inrush Current Limiting Power Thermistor
logo
Sitronix Technology Co....
ST3003 SITRONIX-ST3003 Datasheet
429Kb / 11P
   Speech Decoder/Encoder
ST3004 SITRONIX-ST3004 Datasheet
421Kb / 11P
   Speech Decoder/Encoder
More results

同様の説明 - ST3005

メーカー部品番号データシート部品情報
logo
Sitronix Technology Co....
ST3003 SITRONIX-ST3003 Datasheet
429Kb / 11P
   Speech Decoder/Encoder
ST3004 SITRONIX-ST3004 Datasheet
421Kb / 11P
   Speech Decoder/Encoder
ST3006 SITRONIX-ST3006 Datasheet
421Kb / 11P
   Speech Decoder/Encoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
   CTCSS ENCODER / DECODER
UM3751 ETC-UM3751 Datasheet
105Kb / 1P
   PROGRAMMABLE ENCODER/DECODER
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120_07 Datasheet
768Kb / 36P
   Infrared Encoder/Decoder
2007
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com