データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

O13.0-JT32-B-F-3.3 データシート(PDF) 1 Page - Jauch Quartz Gmbh

部品番号 O13.0-JT32-B-F-3.3
部品情報  Temp. Compensated Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JAUCH [Jauch Quartz Gmbh]
ホームページ  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O13.0-JT32-B-F-3.3 データシート(HTML) 1 Page - Jauch Quartz Gmbh

  O13.0-JT32-B-F-3.3 Datasheet HTML 1Page - Jauch Quartz Gmbh O13.0-JT32-B-F-3.3 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
frequency stability code
operating
Y
Z
A
B
C
D
temperature code ± 5.0 ppm ± 3.0 ppm ± 2.5 ppm ± 2.0 ppm ± 1.5 ppm ± 1.0 ppm
A: -30 °C ~ +80 °C
OO
O
O
O
O
B: -20 °C ~ +70 °C
OO
O
O
O
O
C: -10 °C ~ +60 °C
OO
O
O
O
O
D: 0 °C ~ +85 °C
OO
O
O
O
O
E:
0 °C ~ +55 °C
OO
O
O
O
O
F: -10 °C ~ +70 °C
OO
O
O
O
O
G: -30 °C ~ +75 °C
OO
O
O
O
O
H: -20 °C ~ +75 °C
OO
O
O
O
O
K: -40 °C ~ +85 °C
OO
O
O
L: -20 °C ~ +85 °C
OO
O
O
O
O
M: -30 °C ~ +85 °C
OO
O
O
standard O available
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Oscillator · VX3 · 3.3 Volt
Oscillator · (VC)TCXO · JT32(V)
actual size
#1
#3
#4
#6
3.2±0.15
3.0
1.0
1.6
#2
#1
#4
#3
0.7
#5
#2
top view
side view
bottom view
pad layout
Dimensions
TCXO
JT32
# 1: GND
# 2: nc
# 3: GND
# 4: output
# 5: nc
# 6: VDC
VCTCXO
JT32V
# 1: Vcontrol
# 2: nc
# 3: GND
# 4: output
# 5: nc
# 6: VDC
low power VCTCXO or TCXO
temperature range -40 °C ~ +85 °C available
reflow soldering temperature: 260 °C max.
ceramic/metal package
pin connection
in mm
Table 1: Frequency Stability vs. Temperature
Note
- TCXO JT32: pin #1 connected to ground
- VCTCXO JT32V: pin #1 connected to control voltage
- external AC coupling for output recommended
Order Information
O
frequency
in MHz
frequency stability
code
operating temp.
code
supply voltage
Oscillator
10.0 ~ 45.0 MHz
JT32 = TCXO
JT32V = VCTCXO
A - Z
see table 1
A - K
see table 1
2.5 = 2.5 V
2.8 = 2.8 V
3.0 = 3.0 V
3.3 = 3.3 V
type
Example: O 13.0-JT32-A-G-3.3
(Suffix LF = RoHS compliant / Pb free pads)
General Data
type
frequency range
frequency
at +25 °C
stability
temperature
aging first year
supply voltage
load change
current consumption max.
supply voltage VDC
temperature operating
storage
output
load nom.
level min.
external tuning range JT32 V
external tuning voltage
start-up time max.
phase noise
at 100Hz
at ƒo
at 1KHz
13 MHz
at 10KHz
JT32 / JT32V
8.0 ~ 45.0 MHz
± 0.5ppm
± 1ppm ~ ± 5ppm (table 1)
± 1ppm
± 0.2ppm (at VDC ± 5%)
± 0.2ppm
2.5mA max.
2.5 / 2.8 / 3.0 / 3.3 (± 5%)
see table 1
-40 °C ~ +85 °C
10K
Ω // 10pF
0.8Vpp (clipped sine)
± 8ppm min.
1.5 V ± 1.0 V
2.5 ms
-113 dBc/Hz
-135 dBc/Hz
-145 dBc/Hz
Temp. Compensated Crystal Oscillator
· 3.2 x 2.5 mm
do not connect
pin # 2 and # 5
and center pads
270109


同様の部品番号 - O13.0-JT32-B-F-3.3

メーカー部品番号データシート部品情報
logo
Jauch Quartz Gmbh
O13.0-JT53L-A-A-2.5 JAUCH-O13.0-JT53L-A-A-2.5 Datasheet
150Kb / 2P
   Temp. Compensated Crystal Oscillator
O13.0-JT53L-A-A-2.8 JAUCH-O13.0-JT53L-A-A-2.8 Datasheet
150Kb / 2P
   Temp. Compensated Crystal Oscillator
O13.0-JT53L-A-A-3.0 JAUCH-O13.0-JT53L-A-A-3.0 Datasheet
150Kb / 2P
   Temp. Compensated Crystal Oscillator
O13.0-JT53L-A-A-3.3 JAUCH-O13.0-JT53L-A-A-3.3 Datasheet
150Kb / 2P
   Temp. Compensated Crystal Oscillator
O13.0-JT53L-A-A-5.0 JAUCH-O13.0-JT53L-A-A-5.0 Datasheet
150Kb / 2P
   Temp. Compensated Crystal Oscillator
More results

同様の説明 - O13.0-JT32-B-F-3.3

メーカー部品番号データシート部品情報
logo
Jauch Quartz Gmbh
JT32G JAUCH-JT32G Datasheet
161Kb / 2P
   Temp. Compensated Crystal Oscillator
JT22G JAUCH-JT22G Datasheet
205Kb / 2P
   Temp. Compensated Crystal Oscillator
JT53L JAUCH-JT53L Datasheet
150Kb / 2P
   Temp. Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX09 ABRACON-ASTX09 Datasheet
993Kb / 2P
   COMPENSATED CRYSTAL OSCILLATOR
09.14.11
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-09 ABRACON-ASTX-09 Datasheet
144Kb / 2P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.08.07
logo
Raltron Electronics Cor...
RTX-231 RALTRON-RTX-231 Datasheet
27Kb / 1P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
Vectron International, ...
TX-702 VECTRON-TX-702 Datasheet
187Kb / 6P
   Temperature Compensated Crystal Oscillator
VT-501 VECTRON-VT-501 Datasheet
253Kb / 6P
   Temperature Compensated Crystal Oscillator
logo
List of Unclassifed Man...
CSX-325T ETC2-CSX-325T Datasheet
92Kb / 1P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com