データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB1608UA101 データシート(PDF) 5 Page - SAMWHA ELECTRIC

部品番号 CB1608UA101
部品情報  Ultra Power Line Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMWHA [SAMWHA ELECTRIC]
ホームページ  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB1608UA101 データシート(HTML) 5 Page - SAMWHA ELECTRIC

  CB1608UA101 Datasheet HTML 1Page - SAMWHA ELECTRIC CB1608UA101 Datasheet HTML 2Page - SAMWHA ELECTRIC CB1608UA101 Datasheet HTML 3Page - SAMWHA ELECTRIC CB1608UA101 Datasheet HTML 4Page - SAMWHA ELECTRIC CB1608UA101 Datasheet HTML 5Page - SAMWHA ELECTRIC CB1608UA101 Datasheet HTML 6Page - SAMWHA ELECTRIC CB1608UA101 Datasheet HTML 7Page - SAMWHA ELECTRIC CB1608UA101 Datasheet HTML 8Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SAMWHA ELECTRONICS CO., LTD
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
5.0
3.8
3.6
1.5
4532
5.0
3.0
3.6
1.5
4516
5.0
3.0
1.5
1.3
3216
4.0
1.3
1.0
1.0
2012
2.0
1.3
0.8
1.0
1608
ITEM
1005
0.7
0.5
B
(mm)
0.7
0.7
W
(kgf)
C
(mm)
A
(mm)
No mechanical damage
Flexure strength
1. No mechanical damage
2. Impedance shall not change more than ±30 %
Temperature : 40
± 2 ℃
Humidity : 90
± 2 % RH
Applied current : rated current
Time : 500
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
Humidity load
resistance
Temperature : -55
± 3 ℃
Time : 1000
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
Low temperature
resistance
1. -55
± 3℃ for 30 minutes
2.125
± 3 ℃ for 30 minutes
3. repeat 100 cycle
Thermal shock
The terminal electrode shall be neither break off
nor the chip damage
Drop 10 times on a concrete floor
from a height of 100 cm
Drop
Bending strength
Frequency : 10 ~ 55 Hz
Amplitude : 1.5 mm
Direction : X, Y, Z
Sweep time : 2 hours for each axis
Vibration
Test Conditions
Requirements
Item
20
50
R340
W
2 mm
Resistance meter
Reliability & Test Condition
DPS-081104
CHIP BEADS
W
A
B
C
R0.5
A


同様の部品番号 - CB1608UA101

メーカー部品番号データシート部品情報
logo
SAMWHA ELECTRIC
CB1608GA100 SAMWHA-CB1608GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA102 SAMWHA-CB1608GA102 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA121 SAMWHA-CB1608GA121 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA221 SAMWHA-CB1608GA221 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA300 SAMWHA-CB1608GA300 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results

同様の説明 - CB1608UA101

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
AVRX750U TRIPPLITE-AVRX750U Datasheet
523Kb / 4P
   AVR Series 750VA Ultra-compact Line-Interactive
logo
Murata Manufacturing Co...
LXES03AAA1-134 MURATA-LXES03AAA1-134 Datasheet
151Kb / 2P
   Ultra High-speed Transmission Line
LXES03AAA1-154 MURATA-LXES03AAA1-154 Datasheet
153Kb / 2P
   Ultra High-speed Transmission Line
LXES15AAA1-153 MURATA-LXES15AAA1-153 Datasheet
150Kb / 2P
   Ultra High-speed Transmission Line
LXES1UBAB1-007 MURATA-LXES1UBAB1-007 Datasheet
154Kb / 2P
   Ultra High-speed Transmission Line
LXES15AAA1-133 MURATA-LXES15AAA1-133 Datasheet
153Kb / 2P
   Ultra High-speed Transmission Line
LXES03TBB1-141 MURATA-LXES03TBB1-141 Datasheet
154Kb / 2P
   Ultra High-speed Transmission Line
LXESEABAA6-046 MURATA-LXESEABAA6-046 Datasheet
157Kb / 2P
   Ultra High-speed Transmission Line
logo
List of Unclassifed Man...
PT12210 ETC1-PT12210 Datasheet
106Kb / 1P
   122 Series Power Line Chokes
logo
Tripp Lite. All Rights ...
AVR750U TRIPPLITE-AVR750U Datasheet
529Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com