データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB1005GV600 データシート(PDF) 2 Page - SAMWHA ELECTRIC

部品番号 CB1005GV600
部品情報  BEADS, For Signal Line
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMWHA [SAMWHA ELECTRIC]
ホームページ  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB1005GV600 データシート(HTML) 2 Page - SAMWHA ELECTRIC

  CB1005GV600 Datasheet HTML 1Page - SAMWHA ELECTRIC CB1005GV600 Datasheet HTML 2Page - SAMWHA ELECTRIC CB1005GV600 Datasheet HTML 3Page - SAMWHA ELECTRIC CB1005GV600 Datasheet HTML 4Page - SAMWHA ELECTRIC CB1005GV600 Datasheet HTML 5Page - SAMWHA ELECTRIC CB1005GV600 Datasheet HTML 6Page - SAMWHA ELECTRIC CB1005GV600 Datasheet HTML 7Page - SAMWHA ELECTRIC CB1005GV600 Datasheet HTML 8Page - SAMWHA ELECTRIC CB1005GV600 Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SAMWHA ELECTRONICS CO., LTD
v 1005 SIZE
http://www.samwha.com/chip
DPS-081104
This description in the this catalogue is subject to change without notice
100
250
0.95
1000
CB1005GK102
500
0.20
80
CB1005GK800
400
0.45
300
CB1005GK301
500
0.35
220
CB1005GK221
500
0.30
120
CB1005GK121
500
0.20
60
CB1005GK600
300
0.60
600
CB1005GK601
300
0.55
470
CB1005GK471
900
0.10
30
CB1005GK300
200
1.00
1000
CB1005GA102
300
0.60
600
CB1005GA601
300
0.45
300
CB1005GA301
300
0.35
220
CB1005GA221
500
0.25
120
CB1005GA121
500
0.20
60
CB1005GA600
900
0.10
30
CB1005GA300
1000
0.05
10
CB1005GA100
Test Frequency
(MHz)
Rated Current
(mA) max.
DC Resistance
(Ω) max.
Impedance
(Ω) ±25%
Samwha P/N
Measuring Equipment
-. Z : HP4291B / E4991A
-. Rdc : HP4338B
CHIP BEADS, For Signal Line


同様の部品番号 - CB1005GV600

メーカー部品番号データシート部品情報
logo
Extech Instruments Corp...
CB10 EXTECH-CB10 Datasheet
240Kb / 1P
   AC Circuit Breaker Finder/Receptacle Tester
logo
Stackpole Electronics, ...
CB10 SEI-CB10 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
Extech Instruments Corp...
CB10-KIT EXTECH-CB10-KIT Datasheet
487Kb / 1P
   Electrical Troubleshooting Kit
logo
XP Power Limited
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
CB101N XPPOWER-CB101N Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
More results

同様の説明 - CB1005GV600

メーカー部品番号データシート部品情報
logo
TDK Electronics
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MMZ2012 TDK-MMZ2012 Datasheet
276Kb / 7P
   Chip beads For general signal line
MMZ2012R600AT000 TDK-MMZ2012R600AT000 Datasheet
166Kb / 11P
   Chip Beads For general signal line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
MPZ0603S220CT000 TDK-MPZ0603S220CT000 Datasheet
116Kb / 10P
   Chip Beads For general signal line
MMZ1608A182BTA00 TDK-MMZ1608A182BTA00 Datasheet
263Kb / 14P
   Chip Beads For general signal line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MMZ1005B121CT000 TDK-MMZ1005B121CT000 Datasheet
175Kb / 11P
   Chip Beads For general signal line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com