データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB1608GA100 データシート(PDF) 1 Page - SAMWHA ELECTRIC

部品番号 CB1608GA100
部品情報  BEADS, For Signal Line
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMWHA [SAMWHA ELECTRIC]
ホームページ  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB1608GA100 データシート(HTML) 1 Page - SAMWHA ELECTRIC

  CB1608GA100 Datasheet HTML 1Page - SAMWHA ELECTRIC CB1608GA100 Datasheet HTML 2Page - SAMWHA ELECTRIC CB1608GA100 Datasheet HTML 3Page - SAMWHA ELECTRIC CB1608GA100 Datasheet HTML 4Page - SAMWHA ELECTRIC CB1608GA100 Datasheet HTML 5Page - SAMWHA ELECTRIC CB1608GA100 Datasheet HTML 6Page - SAMWHA ELECTRIC CB1608GA100 Datasheet HTML 7Page - SAMWHA ELECTRIC CB1608GA100 Datasheet HTML 8Page - SAMWHA ELECTRIC CB1608GA100 Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SAMWHA ELECTRONICS CO., LTD
v Applications
v Features
v Dimensions
Signal Line Series
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
• PDP/LCD Monitor, Digital TV/VCR etc.
L
W
T
B
(unit : mm)
• Various size (1005~4532)
• High impedance characteristics
• Good reliability (Monolithic structure)
• Magnetically shielded
• Fast mounting speed
• RoHS compliant
v General Code
Series Code
CB : Chip Ferrite Beads
Dimension Code
The first two digits : length(mm)
The last two digits : width(mm)
Application Code
G : Signal Line
P : High Current Line
U : Ultra High Current Line
Material Code
A: General Frequency
K,J: Medium Frequency
M: High Frequency
V: Very High Frequency
Impedance Value Code
The first two digits represents significant
The last digit is the number of zeros following
ex) 150 = 15 (Ω)
Packaging Code
T : Reel paper packaging
E : Reel embossed tape packaging
CB
1
2012
G
150
T
2
3
5
6
1
2
3
4
5
6
A
4
0.85±0.2
0.5±0.3
1.3±0.20
1.6±0.20
4.5±0.25
4516
0.25±0.1
0.5±0.10
0.5±0.10
1.0±0.10
1005
0.5±0.3
1.1±0.20
1.6±0.20
3.2±0.20
3216
0.3±0.2
0.8±0.15
0.8±0.15
1.6±0.15
1608
0.5±0.3
1.25±0.2
2.0±0.20
2012
1.5±0.25
T
0.5±0.3
3.2±0.25
4.5±0.25
4532
B
W
L
Size
v Temperature Range
• Operating Temp. -55 ~ +125℃
• Storage Temp. -10 ~ +40 ℃
v Typical Material Characteristics
A
J,K
M
V
High μ
Low μ
(Low RXCP)
(High RXCP)
DPS-081104
CHIP BEADS


同様の部品番号 - CB1608GA100

メーカー部品番号データシート部品情報
logo
SAMWHA ELECTRIC
CB1608PA100 SAMWHA-CB1608PA100 Datasheet
514Kb / 13P
   BEADS, For Power Line
CB1608PA121 SAMWHA-CB1608PA121 Datasheet
514Kb / 13P
   BEADS, For Power Line
CB1608PA181 SAMWHA-CB1608PA181 Datasheet
514Kb / 13P
   BEADS, For Power Line
CB1608PA300 SAMWHA-CB1608PA300 Datasheet
514Kb / 13P
   BEADS, For Power Line
CB1608PA600 SAMWHA-CB1608PA600 Datasheet
514Kb / 13P
   BEADS, For Power Line
More results

同様の説明 - CB1608GA100

メーカー部品番号データシート部品情報
logo
TDK Electronics
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MMZ2012 TDK-MMZ2012 Datasheet
276Kb / 7P
   Chip beads For general signal line
MMZ2012R600AT000 TDK-MMZ2012R600AT000 Datasheet
166Kb / 11P
   Chip Beads For general signal line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
MPZ0603S220CT000 TDK-MPZ0603S220CT000 Datasheet
116Kb / 10P
   Chip Beads For general signal line
MMZ1608A182BTA00 TDK-MMZ1608A182BTA00 Datasheet
263Kb / 14P
   Chip Beads For general signal line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MMZ1005B121CT000 TDK-MMZ1005B121CT000 Datasheet
175Kb / 11P
   Chip Beads For general signal line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com