データシートサーチシステム |
|
CB1608GV121 データシート(PDF) 1 Page - SAMWHA ELECTRIC |
|
CB1608GV121 データシート(HTML) 1 Page - SAMWHA ELECTRIC |
1 / 22 page SAMWHA ELECTRONICS CO., LTD v Applications v Features v Dimensions Signal Line Series http://www.samwha.com/chip This description in the this catalogue is subject to change without notice • PDP/LCD Monitor, Digital TV/VCR etc. L W T B (unit : mm) • Various size (1005~4532) • High impedance characteristics • Good reliability (Monolithic structure) • Magnetically shielded • Fast mounting speed • RoHS compliant v General Code Series Code CB : Chip Ferrite Beads Dimension Code The first two digits : length(mm) The last two digits : width(mm) Application Code G : Signal Line P : High Current Line U : Ultra High Current Line Material Code A: General Frequency K,J: Medium Frequency M: High Frequency V: Very High Frequency Impedance Value Code The first two digits represents significant The last digit is the number of zeros following ex) 150 = 15 (Ω) Packaging Code T : Reel paper packaging E : Reel embossed tape packaging CB 1 2012 G 150 T 2 3 5 6 1 2 3 4 5 6 A 4 0.85±0.2 0.5±0.3 1.3±0.20 1.6±0.20 4.5±0.25 4516 0.25±0.1 0.5±0.10 0.5±0.10 1.0±0.10 1005 0.5±0.3 1.1±0.20 1.6±0.20 3.2±0.20 3216 0.3±0.2 0.8±0.15 0.8±0.15 1.6±0.15 1608 0.5±0.3 1.25±0.2 2.0±0.20 2012 1.5±0.25 T 0.5±0.3 3.2±0.25 4.5±0.25 4532 B W L Size v Temperature Range • Operating Temp. -55 ~ +125℃ • Storage Temp. -10 ~ +40 ℃ v Typical Material Characteristics A J,K M V High μ Low μ (Low RXCP) (High RXCP) DPS-081104 CHIP BEADS |
同様の部品番号 - CB1608GV121 |
|
同様の説明 - CB1608GV121 |