データシートサーチシステム |
|
CS1608C0G104C6R3NRB データシート(PDF) 1 Page - SAMWHA ELECTRIC |
|
CS1608C0G104C6R3NRB データシート(HTML) 1 Page - SAMWHA ELECTRIC |
1 / 14 page Introduction SAMWHA's series of multilayer ceramic(MLC) chip capacitors is designed to meet a wide variety of need. Multilayer ceramic chip capacitors are available in both class I and class II formulations. Temperature compensation formulations are class I and temperature stable and general application formulations are classified at class II. The class I multilayer ceramic capacitors are COG with negligible dependence of electrical properties on temperature, voltage, frequency. The most of commonly used class II dielectric are X7R, X5R and Y5V. The X7R provides intermediate capacitance values which vary ±15% over the temperature range of -55℃ to 125℃. The X5R provides intermediate capacitance values which vary ±15% over the temperature range of -55℃ to 85℃. The Y5V provides the highest capacitance value which vary from 22% to -82% over the temperature range of -30℃ to 85℃. All class II capacitors vary in capacitance value under the influence of temperature, operating voltage and frequency. We offer a complete line of products for both class I and II . Features Samwha’s high density ceramic bodies offer superior performance and reliability Samwha offer various temperature characteristics, rated voltage and packing method Material with high dielectric constant and superior manufacturing technology allows very high values in a small size Solder coated terminals offer superior solderability Applications Wide applications throughout commercial and industrial market. Communication products like Cellular Phone, Pager, Codeless phone Multimedia products like DVD, CD-ROM, FDD, HDD, Game machine, Computer, Note book, Digital camera, LCD Audio visual products like TV, Camcorder, Minidisk, MP3 Player Communication products like Electronic tuner, Duplexer, VCXO, TCXO, Modem OA equipment products like Printer, Copy Machine, Fax Machine SAMWHA CAPACITOR Co., Ltd. 4 Multi Layer Ceramic Capacitors SMD Type Multi Layer Ceramic Capacitors 5 Shape & Dimensions Dimensions Code(inch) Length Width L Tol(±) W Tol(±) T1(min) 0603(0201) 0.60 0.03 0.30 0.03 0.05 1005(0402) 1.00 0.05 0.50 0.05 0.05 1608(0603) 1.60 0.15 0.80 0.10 0.10 2012(0805) 2.00 0.20 1.25 0.15 0.10 3216(1206) 3.20 0.30 1.60 0.20 0.15 3225(1210) 3.20 0.40 2.50 0.25 0.15 4520(1808) 4.50 0.40 2.00 0.25 0.20 4532(1812) 4.50 0.40 3.20 0.30 0.20 5750(2300) 5.70 0.50 5.00 0.40 0.30 (Unit : mm) CS 1608 X7R 104 K 160 N R B How to Order(Product Identification) Type CS : SMD SA : ARRAY Size Code This is expressed in tens of a millimeter. The first two digits are the length, the last two digits are width. Size(mm) 0603 1005 1608 2012 3216 3225 4520 4532 5750 SMD Type *1608 Size ≥ 10㎌⇒ W : 0.8±0.15, T : 0.8±0.15 Temperature Coefficient Code Temperature Temperature Capacitance Change or Operating Characteristice Range Temperature Coefficient Temperature Range C0G -55 to 125℃ 0±30ppm/℃-55 to 125℃ X7R -55 to 125℃±15% -55 to 125℃ X5R -55 to 85℃±15% -55 to 85℃ Y5V -30 to 85℃+22, -82% -30 to 85℃ |
同様の部品番号 - CS1608C0G104C6R3NRB |
|
同様の説明 - CS1608C0G104C6R3NRB |