データシートサーチシステム |
|
SB1045100ML データシート(PDF) 5 Page - ABC Taiwan Electronics Corp |
|
SB1045100ML データシート(HTML) 5 Page - ABC Taiwan Electronics Corp |
5 / 7 page -25±2 ℃ 30 minutes 85±2 ℃ 30 minutes Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent SB1045□□□□L□-□□□ ( Temp. cycle ) Thermal shock test High temp. Resistance test Resistance test AE-001A Humidity Temperature : 85±2℃ Time : 500 hours Applied current : Per spec. than ±20% not change more Inductance shall Time : 500 hours Humidity : 90 ~ 95% Temperature : 40±2℃ Applied current : Per spec. Total : 50 cycles 15 minutes Room temp. 15 minutes Room temp. Test item Solderability Ⅷ﹒ RELIABILITY TEST: NAME PROD. REF : ABC'S DWG NO. ABC'S ITEM NO. More than 90% of the terminal electrode With fresh solder. Shall be covered SMD POWER INDUCTOR Specification Preheat : 150±25 for 60 seconds ℃ Dip time : 4±1 seconds Solder temp. : 235±5℃ Flux : Rosin Test condition SPECIFICATION FOR APPROVAL PAGE: 5 |
同様の部品番号 - SB1045100ML |
|
同様の説明 - SB1045100ML |