データシートサーチシステム |
|
SB10051R5ML データシート(PDF) 6 Page - ABC Taiwan Electronics Corp |
|
SB10051R5ML データシート(HTML) 6 Page - ABC Taiwan Electronics Corp |
6 / 8 page AR-001A SMD POWER INDCTOR SPECIFICATION FOR APPROVAL Ⅸ﹒RELIABILITY TEST: NAME PROD. REF : ABC'S DWG NO. ABC'S ITEM NO. SB1005□□□□L□-□□□ PAGE: 6 -40 ℃ +105 ℃ 30 minutes 30 minutes Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Thermal shock test ( Temp. cycle ) High temp. Resistance test Humidity Test Applied current : Per spec. Time : 96 hours Temperature : 105±5℃ Electrical oharacteristics shall not change more than ±20% Temperature : 40±2℃ Humidity : 90±5% Time : 1000 hours Total : 50 cycles Room temp. 15 minutes 15 minutes Room temp. Test item Solderability With fresh solder. Shall be covered terminal electrode More than 95% of the Specification Preheat : 155 / 4 hours. ℃ Solder temp. : 235±5℃ Dip time : 5±0.5 seconds Flux : Rosin Test condition 20091110-B |
同様の部品番号 - SB10051R5ML |
|
同様の説明 - SB10051R5ML |