データシートサーチシステム |
|
SS0603471KL データシート(PDF) 3 Page - ABC Taiwan Electronics Corp |
|
SS0603471KL データシート(HTML) 3 Page - ABC Taiwan Electronics Corp |
3 / 7 page Embossed carrier G 21±0.8 ( 3 ) Q'TY & G.W. Per package 860 G.W. (gw) Inner : Reel 1,000 SS0603 Q'TY (pcs) Series ( 2 ) Dimensions B A Style 13 - 16 330 G.W. (Kg) 9.5 Outer : Carton 13 - 16 6,000 Style Q'TY (pcs) 40 x 40 x 24 Size (cm) 18 D C 13±0.5 16 N GT -0 50 +0 22.4 Unit:m/m Carrier tape width : D ※ PACKAGING INFORMATION Ⅵ﹒ : C ∮ 2.0±0.5 ( 1 ) Configuration D Cover tape T 1 0 1 1 0 1 1 0 1 1 0 1 P:12 m/m 4 m/m AE-001A SPECIFICATION FOR APPROVAL REF : ABC'S ITEM NO. ABC'S DWG NO. PAGE: 3 PROD. NAME User direction of feed Components 200 m/m Min. no component Leader no component Trailer 400 m/m Min. End Start POWER INDUCTOR SHIELDED SMD SS0603□□□□L□-□□□ |
同様の部品番号 - SS0603471KL |
|
同様の説明 - SS0603471KL |