データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE150112FM+H データシート(PDF) 9 Page - ACE Technology Co., LTD.

部品番号 ACE150112FM+H
部品情報  150KHz,2A, PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACE [ACE Technology Co., LTD.]
ホームページ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE150112FM+H データシート(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE150112FM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE150112FM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE150112FM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE150112FM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE150112FM+H Datasheet HTML 9Page - ACE Technology Co., LTD. ACE150112FM+H Datasheet HTML 10Page - ACE Technology Co., LTD. ACE150112FM+H Datasheet HTML 11Page - ACE Technology Co., LTD. ACE150112FM+H Datasheet HTML 12Page - ACE Technology Co., LTD. ACE150112FM+H Datasheet HTML 13Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
 
                                                                                                                  
ACE150X
                        Technology
150KHz,2A ,PWM Step-Down DC/DC Converter
VER 1.2
9
ACE150X Efficiency vs. Temperature (Vin=12V,
ACE150X Efficiency vs. Temperature (Vin=12V,
Vout=5V,Io=2A)
Vout=3.3V,Io=2A)
ACE150X Saturation Voltage vs. Temperature,
ACE150X Switch Current Limit vs. Temperature
(Vcc=12V, VFB=0V,VSD=0)
(Vcc=12V, VFB=0V)
Supply Current vs. Temperature (Vcc=12V, No Load, Von/off=0V (Switch ON), Von/off=5V (Switch OFF)


同様の部品番号 - ACE150112FM+H

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501E FAIRCHILD-ACE1501E Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501EM FAIRCHILD-ACE1501EM Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501EM8 FAIRCHILD-ACE1501EM8 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501EM8X FAIRCHILD-ACE1501EM8X Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
More results

同様の説明 - ACE150112FM+H

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
P1696 UTC-P1696 Datasheet
112Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com