データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE701451BN+ データシート(PDF) 3 Page - ACE Technology Co., LTD.

部品番号 ACE701451BN+
部品情報  PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACE [ACE Technology Co., LTD.]
ホームページ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701451BN+ データシート(HTML) 3 Page - ACE Technology Co., LTD.

  ACE701451BN+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701451BN+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701451BN+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701451BN+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701451BN+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701451BN+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701451BN+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701451BN+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701451BN+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
 
                                                                                                                      
ACE701
                        Technology PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
3
Block Diagram
ACE701
Recommended Work Conditions
Item
Min
Nom
Max
Unit
Input Voltage Range
0.8
Vout
V
Inductor
10
27
100
μH
Input capacitor
0
10
μF
Output capacitor
47
100
220
μF
Operating junction temperature
-20
85
*Suggestion: Use tantalum capacitor to reduce the ripple of the output voltage.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
2.45
2.5
2.55
2.646
2.7
2.754
2.94
3.0
3.06
3.234
3.3
3.366
3.528
3.6
3.672
3.92
4.0
4.08
4.9
5.0
5.1
Output Voltage
Vout
5.88
6.0
6.12
V
Input Voltage
Vin
12
V
Input Current
Lin
Iout=0mA, Vin=Vout*0.6
12
15
uA
Start-up voltage
Vstart
Iout=1mA, Vin:0 2V
0.8
0.9
V
Hold-on voltage
Vhold
Iout=1mA, Vin:2 0V
0.6
0.7
V
Quiescent current drawn from
power source
IDD
Without external components,
Vout=Vout x 1.05
4
7
uA
Switch ON Resistance
Rswon
0.4
0.5


同様の部品番号 - ACE701451BN+

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACE701425AM+H ACE-ACE701425AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701425BN+H ACE-ACE701425BN+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701430AM+H ACE-ACE701430AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701430BN+H ACE-ACE701430BN+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701460AM+H ACE-ACE701460AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
More results

同様の説明 - ACE701451BN+

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701D ACE-ACE701D Datasheet
1Mb / 14P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
logo
Guangdong Kexin Industr...
KX8530 KEXIN-KX8530 Datasheet
404Kb / 7P
   PFM Step-up DC/DC Converter With High Efficiency And Low Noise
logo
SHANGHAI BELLING CO., L...
BL8530 BELLING-BL8530 Datasheet
225Kb / 14P
   PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
   High Efficiency Low Noise PFM Step-up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com