データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE701460AM+ データシート(PDF) 4 Page - ACE Technology Co., LTD.

部品番号 ACE701460AM+
部品情報  PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACE [ACE Technology Co., LTD.]
ホームページ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701460AM+ データシート(HTML) 4 Page - ACE Technology Co., LTD.

  ACE701460AM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701460AM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701460AM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701460AM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701460AM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701460AM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701460AM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701460AM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701460AM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
 
                                                                                                                      
ACE701
                        Technology PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
4
LX leakage current
ILXleak
Vout=Vlx=6V
1.0
uA
CE “H” threshold voltage
VCEH
VCE: 0 2V
0.6
0.9
V
CE “L” threshold voltage
VCEL
VCE: 2 0V
0.3
0.6
V
Oscillator frequency
FOSC
LX on “L” side Vout=Vout * 0.96
300
350
400
Khz
Oscillator duty cycle
Maxdty
On (Vlx “L”) side
70
75
80
%
Efficiency
η
85
%
Note :
1.
Diode: Schottky type, such as: 1N5817, 1N5819, 1N5822
2.
Inductor: 27uH(R<0.5Ω)
3.
Capacitor: 100uF (Tantalum type)
Typical Application Circuit
D 1N5819
Vin
Vout
L 27uH
LX
LX
OUT
Iout
Cin 47uF
ACE701
GND
Cout
Rload
100uF
Tan
Detailed Description
The ACE701 series are boost structure, voltage-type pulse-frequency modulation(PFM) step-up DC-DC
converter. Only three external components are necessary: an inductor, an output filter capacitor and a
schottky diode. And the converter’s low noise and low ripple output voltage can be adjusted from 2.5V to
5.0V, 0.1V step. By using the depletion technics, the quiescent current drawn from power source is lower
than 7uA. The high efficiency device consists of resistors for output voltage detection and trimming, a
start-up voltage circuit, an oscillator, a reference circuit, a PFM control circuit, a switch protection circuit
and a driver transistor.
The PFM control circuit is the core of the ACE701 IC. This block controls power switch on duty cycle to
stabilize output voltage by calculating results of other blocks which sense input voltage, output voltage,
output current and load conditions. In PFM modulation system, the frequency and pulse width is fixed.
The duty cycle is adjusted by skipping pulses, so that switch on-time is changed based on the conditions
such as input voltage, output current and load. The oscillate block inside ACE701 provides fixed
frequency and pulse width wave.
The reference circuit provides stable reference voltage to output stable output voltage. Because internal
trimming technology is used, The chip output change less than ±2%. At the same time,the problem of
temperature-drift coefficient of output voltage is considered in design, so temperature-drift coefficient of
output voltage is less than 100ppm/℃。


同様の部品番号 - ACE701460AM+

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACE701460AM+H ACE-ACE701460AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
More results

同様の説明 - ACE701460AM+

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701D ACE-ACE701D Datasheet
1Mb / 14P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
logo
Guangdong Kexin Industr...
KX8530 KEXIN-KX8530 Datasheet
404Kb / 7P
   PFM Step-up DC/DC Converter With High Efficiency And Low Noise
logo
SHANGHAI BELLING CO., L...
BL8530 BELLING-BL8530 Datasheet
225Kb / 14P
   PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
   High Efficiency Low Noise PFM Step-up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com