データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W10 データシート(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

部品番号 W10
部品情報  SINGLE-PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
ホームページ  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

W10 データシート(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  W10 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. W10 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
W005 thru W10 SERIES
SINGLE-PHASE SILICON BRIDGE
SINGLE-PHASE SILICON BRIDGE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FEATURES
Surge overload rating-50 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Mounting Position: Any
Electrically isolated base-1800 volts
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
50 TO 1000 VOLTS
CURRENT
1.0 Amperes
W005
W01
W02
W04
W06
W08
W10
Maximum Average Forward
0
T
Output Current @
=25 C
A
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
V(AV)
IFSM
V
F
TJ
TSTG
IR
2
It
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
2
I t Rating for fusing(t<8.3ms)
Operating Temperature Range
Storage Temperature Range
Peak Forward Surge Current
8.3 ms single half sine-wave
superimposed on rated load
Maximum DC Forward Voltage
drop per element at 1.0A DC
0
T
Maximum DC Reverse Current at rated @
=25 C
A
0
T
DC Blocking Voltage Per Element @
=100 C
A
UNITS
50
100
200
400
600
800
1000
V
V
V
A
mA
2
A S
0C
0C
A
A
V
35
70
140
280
420
560
700
60
100
200
400
10
1
3.7
-55 to +125
-55 to +150
1.0
30
1.1
600
800
1000


同様の部品番号 - W10

メーカー部品番号データシート部品情報
logo
Shenzhen Yixinwei Techn...
W10 YIXIN-W10 Datasheet
250Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Surge Components
W10 SURGE-W10 Datasheet
107Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
SEMTECH ELECTRONICS LTD...
W10 SEMTECH_ELEC-W10 Datasheet
240Kb / 2P
   1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
W10 YFWDIODE-W10 Datasheet
119Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Microdiode Electronics ...
W10 CHENDA-W10 Datasheet
608Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

同様の説明 - W10

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
   Single-phase Silicon Bridge
logo
CHENG-YI ELECTRONIC CO....
KBPC25 CHENG-YI-KBPC25 Datasheet
135Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 CHENG-YI-RB151 Datasheet
120Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com