データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF1002F データシート(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

部品番号 UF1002F
部品情報  ULTRAFAST SWITCHING RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
ホームページ  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

UF1002F データシート(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  UF1002F Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. UF1002F Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
Exceeds environmental standards of MIL-
S-19500/228.
Low power loss, high efficiency.
Low forward voltage, high current capability.
High surge capacity.
Ultra fast recovery times, high voltage.
MECHANICAL DATA
Case: ITO-220AC full molded plastic package
Terminals: Lead solderable per
MIL-STD-202, Method 208
Polarity: As marked.
Mounting position: Any
Weight: 0.08 ounces, 2.24 grams.
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
-50 TO 800 VOLTS
CURRENT
-10.0 Amperes
Maximum Recurrent Peak Reverse Voltage
TYPY NUMBER
Maximum RMS Voltage
Maximum DC Blocking Voltage
UF1000F UF1001F UF1002F UF1003F UF1004F UF1006F UF1008F
UNITS
50
100
200
300
400
600
800
V
V
V
V
35
70
140
210
280
420
560
50
100
200
300
400
600
800
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, reistive or inductive load.
For capacitive load, derate current by 20%.
Typical Junction Capacitance (Note 2)
Maximum Reverse Recovery Time (Note 1)
Maximum Instantaneous Forward Voltage at 10.0A
Typical Junction Resistance (Note 3) R JA
Operating and Storage Temperature Range Tj, TSTG
Peak Forward Surge Current,
8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Average Forward Rectified Current
0
.375"(9.5mm) lead length
@ TC=100 C
0
Maximum D.C Reverse Current
@ TA= 25 C
0
at Rated D.C Blocking Voltage
@ TA=125 C
0C
0C / W
A
pF
Ns
A
10
500
-50 to +150
15
80
50
50
100
10.0
1.0
1.3
1.7
150
Notes : 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0V D.C.
3. Thermal resistance from junction to ambient and from junction to lead length 0.375" (9.5mm) P.C.B. Mounted.
A
A
UF1000F thru UF1008F
ULTRAFAST SWITCHING RECTIFIERS
ULTRAFAST SWITCHING RECTIFIERS
ITO-220AC


同様の部品番号 - UF1002F

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
UF1002F PANJIT-UF1002F Datasheet
59Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
Won-Top Electronics
UF1002F WTE-UF1002F Datasheet
44Kb / 3P
   10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1002F WTE-UF1002F Datasheet
49Kb / 4P
   10A GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1002F PANJIT-UF1002F Datasheet
78Kb / 2P
   ISOLATION ULTRAFAST RECOVERY RECTIFIERS
UF1002F PANJIT-UF1002F Datasheet
96Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
More results

同様の説明 - UF1002F

メーカー部品番号データシート部品情報
logo
CHENG-YI ELECTRONIC CO....
UF1600 CHENG-YI-UF1600 Datasheet
170Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
UF800 CHENG-YI-UF800 Datasheet
160Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
UF1000 CHENG-YI-UF1000 Datasheet
170Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
logo
Diotec Semiconductor
UF600A DIOTEC-UF600A Datasheet
154Kb / 2P
   Ultrafast Switching Si-Rectifiers
UF5400 DIOTEC-UF5400 Datasheet
153Kb / 2P
   Ultrafast Switching Si-Rectifiers
UF4001 DIOTEC-UF4001 Datasheet
153Kb / 2P
   Ultrafast Switching Si-Rectifiers
logo
CHENG-YI ELECTRONIC CO....
UF800F CHENG-YI-UF800F Datasheet
171Kb / 2P
   ISOLATION ULTRAFAST SWITCHING RECTIFIERS
UF1600F CHENG-YI-UF1600F Datasheet
181Kb / 2P
   ISOLATION ULTRAFAST SWITCHING RECTIFIERS
logo
Diotec Semiconductor
SUF4001 DIOTEC-SUF4001 Datasheet
162Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
logo
Pan Jit International I...
UF600G PANJIT-UF600G_04 Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com