データシートサーチシステム |
|
TS512MDOM40H-S データシート(PDF) 1 Page - Transcend Information. Inc. |
|
TS512MDOM40H-S データシート(HTML) 1 Page - Transcend Information. Inc. |
1 / 39 page T T Tr rra a an n ns s sc c ce e en n nd d d 4 4 40 0 0---P P Piiin n n IIID D DE E E F F Fllla a as s sh h h M M Mo o od d du u ullle e e (((H H Ho o or rriiiz zzo o on n nttta a alll))) T T TS S S1 1 12 2 28 8 8M M M ~ ~ ~ 8 8 8G G GD D DO O OM M M4 4 40 0 0H H H---S S S Transcend Information Inc. Ver 1.3 1 Description With an IDE interface and strong data retention ability, 40-Pin IDE Flash Modules (Horizontal) are ideal for use in the harsh environments where Industrial PCs, Set-Top Boxes, etc. are used. Placement Features • RoHS compliant products • Storage Capacity: 128MB ~ 8GB • Operating Voltage: 3.3V ±5% or 5V ±10% • Operating Temperature: 0°C ~ 70°C • Endurance: 2,000,000 Program/Erase cycles • MTBF: 1,000,000 hours • Durability of Connector: 10,000 times • Fully compatible with devices and OS that support the IDE standard (pitch = 2.54mm) • Built-in ECC function assures high reliability of data transfer • Supports up to Ultra DMA Mode 4 • Supports Multiword DMA mode 0~4 • Supports PIO Mode 6 • Built-in enhanced wear-leveling algorithm • Support Security command • Support S.M.A.R.T (Self-defined) Dimensions Side Millimeters Inches A 55.00 ± 0.15 2.165 ± 0.006 B 30.40 ± 0.15 1.197 ± 0.006 C 9.10 ± 0.20 0.358 ± 0.008 |
同様の部品番号 - TS512MDOM40H-S |
|
同様の説明 - TS512MDOM40H-S |