データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1TSJ35T データシート(PDF) 1 Page - Transcend Information. Inc.

部品番号 TS1TSJ35T
部品情報  SATA HDD Enclosure
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCEND [Transcend Information. Inc.]
ホームページ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1TSJ35T データシート(HTML) 1 Page - Transcend Information. Inc.

  TS1TSJ35T Datasheet HTML 1Page - Transcend Information. Inc. TS1TSJ35T Datasheet HTML 2Page - Transcend Information. Inc. TS1TSJ35T Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S
S
Sttto
o
orrre
e
eJ
J
Je
e
ettt
®
®
® 3
3
35
5
5 T
T
Tu
u
urrrb
b
bo
o
o
SATA HDD Enclosure
Transcend Information Inc.
1
Description
This stylish, versatile, high-speed USB storage device
is the perfect data management system for uploading,
downloading, storing and transferring your vital data
and information. With its OneTouch auto-backup button
and TurboHDD USB mode*, the compact StoreJet
®
35T is quick and easy way to store and back-up
essential files, folders, documents, photos, music and
videos. In addition, the StoreJet
® 35T comes with very
useful software* that can increase your storage
productivity and security.
*Note: StoreJet
® elite and TurboHDD USB software only work
in Windows
®
System Requirements
• Desktop or notebook computers with USB port
• One of following operating systems:
Windows
®
7/Vista/XP/2000, Mac
®
OS 9.0 or above
Linux
®
Kernel 2.4.2 or above
Placement
Features
• Hi-Speed USB 2.0 compliant and USB 1.1 backwards
compatible
• Space-saving upright design – no stand needed
• Easy Plug and Play installation – no drivers required
• Pre-formatted for extra convenience
• Power-Saving Auto Sleep Mode
• High transfer rate up to 480 Mbits per second
• Additional software pack: StoreJet® elite (helps you manage
your data)
• OneTouch Auto-Backup function
• Includes StoreJet® Elite backup and security software
• Extra-large storage capacity for backing-up files
• Two-color LED indicator
• Recommended operating temperature: 5°C ~ 55°C
Dimensions
Side
Millimeters
Inches
A
172.40
± 1.00
67.87
± 0.04
B
44.80
± 1.00
17.64
± 0.04
C
152.40
± 1.00
60.00
± 0.04
Ordering Information
Transcend P/N
Capacity
TS1TSJ35T
1TB
TS15TSJ35T
1.5TB
TS2TSJ35T
2TB


同様の部品番号 - TS1TSJ35T

メーカー部品番号データシート部品情報
logo
Transcend Information. ...
TS1TSJ35U TRANSCEND-TS1TSJ35U Datasheet
121Kb / 3P
   Works with all 3.5??SATA hard drives
More results

同様の説明 - TS1TSJ35T

メーカー部品番号データシート部品情報
logo
Transcend Information. ...
TS0GSJ25P TRANSCEND-TS0GSJ25P Datasheet
156Kb / 3P
   SATA HDD Enclosure
TS160GSJ25M TRANSCEND-TS160GSJ25M Datasheet
90Kb / 3P
   SATA HDD Enclosure
TS250GSJ25C TRANSCEND-TS250GSJ25C Datasheet
106Kb / 3P
   SATA HDD Enclosure
TS0GSJ25S-S TRANSCEND-TS0GSJ25S-S Datasheet
81Kb / 3P
   SATA HDD Enclosure
logo
Coolgear Inc.
USB-31SA25MB COOLGEAR-USB-31SA25MB Datasheet
508Kb / 2P
   B SATA 2.5 HDD Enclosure
logo
Transcend Information. ...
TS0GSJ25S TRANSCEND-TS0GSJ25S Datasheet
152Kb / 3P
   IDE HDD Enclosure
TS120GSJ18M TRANSCEND-TS120GSJ18M Datasheet
94Kb / 3P
   ZIF PATA HDD Enclosure
logo
Axiomtek Co., Ltd.
AX61132TM AXIOMTEK-AX61132TM Datasheet
300Kb / 2P
   Internal two SATA HDD drive bays
logo
List of Unclassifed Man...
UA0115 ETC-UA0115 Datasheet
427Kb / 1P
   USB3.0 HDD Enclosure for 2.5
logo
Axiomtek Co., Ltd.
NA-810A AXIOMTEK-NA-810A Datasheet
252Kb / 1P
   Supports one 2.5 IDE or SATA HDD
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com