データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTA1271A データシート(PDF) 1 Page - KEC(Korea Electronics)

部品番号 KTA1271A
部品情報  SEMICONDUCTOR TECHNICAL DATA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1271A データシート(HTML) 1 Page - KEC(Korea Electronics)

  KTA1271A Datasheet HTML 1Page - KEC(Korea Electronics) KTA1271A Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2010. 1. 28
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTA1271A
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 1
HIGH CURRENT APPLICATION.
FEATURES
・High h
FE : hFE=100~320.
・Complementary to KTC3203A.
MAXIMUM RATING (Ta=25℃)
TO-92 (F)
DIM MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2 3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
+_
1. EMITTER
2. COLLECTOR
3. BASE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-35
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-800
mA
Emitter Current
IE
800
mA
Collector Power Dissipation
PC
400
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-35V, IE=0
-
-
-100
nA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-100
nA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA, IB=0
-30
-
-
V
DC Current Gain
hFE(1) (Note)
VCE=-1V, IC=-100mA
100
-
320
hFE(2)
VCE=-1V, IC=-700mA
35
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-500mA, IB=-20mA
-
-
-0.7
V
Base-Emitter Voltage
VBE
VCE=-1V, IC=-10mA
-0.5
-
-0.8
V
Transition Frequency
fT
VCE=-5V, IC=-10mA
-
120
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
19
-
pF
Note : hFE(1) Classification
0:100~200,
Y:160~320
ELECTRICAL CHARACTERISTICS (Ta=25℃)


同様の部品番号 - KTA1271A

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KTA1271 KEC-KTA1271 Datasheet
230Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1271 KEC-KTA1271 Datasheet
20Kb / 1P
   TO-92 PACKAGE
logo
Tiger Electronic Co.,Lt...
KTA1271 TGS-KTA1271 Datasheet
102Kb / 1P
   TO-92 Plastic-Encapsulate Transistors (PNP)
logo
KEC(Korea Electronics)
KTA1271 KEC-KTA1271 Datasheet
74Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Foshan Blue Rocket Elec...
KTA1271 FOSHAN-KTA1271 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
More results

同様の説明 - KTA1271A

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KGT15N120KDA KEC-KGT15N120KDA Datasheet
1Mb / 8P
   SEMICONDUCTOR TECHNICAL DATA
KGT25N120KDA KEC-KGT25N120KDA Datasheet
567Kb / 8P
   SEMICONDUCTOR TECHNICAL DATA
KGH15N120NDA KEC-KGH15N120NDA Datasheet
64Kb / 6P
   SEMICONDUCTOR TECHNICAL DATA
logo
Leshan Radio Company
BZX84C2V4LT1 LRC-BZX84C2V4LT1 Datasheet
171Kb / 5P
   SEMICONDUCTOR(TECHNICAL DATA)
logo
KEC(Korea Electronics)
KIA78R015PI KEC-KIA78R015PI Datasheet
108Kb / 10P
   SEMICONDUCTOR TECHNICAL DATA
KIA78R015F KEC-KIA78R015F Datasheet
108Kb / 10P
   SEMICONDUCTOR TECHNICAL DATA
A393F KEC-A393F Datasheet
67Kb / 3P
   SEMICONDUCTOR TECHNICAL DATA
Revision No : 0
logo
Motorola, Inc
MRF372 MOTOROLA-MRF372 Datasheet
528Kb / 12P
   SEMICONDUCTOR TECHNICAL DATA
logo
KEC(Korea Electronics)
SMFZ4.3V-36V KEC-SMFZ4.3V-36V Datasheet
47Kb / 2P
   SEMICONDUCTOR TECHNICAL DATA
KGT15N120NDA KEC-KGT15N120NDA Datasheet
101Kb / 6P
   SEMICONDUCTOR TECHNICAL DATA
KIC9256 KEC-KIC9256 Datasheet
707Kb / 29P
   SEMICONDUCTOR TECHNICAL DATA
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com