データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB10150 データシート(PDF) 2 Page - Won-Top Electronics

部品番号 SB10150
部品情報  10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WTE [Won-Top Electronics]
ホームページ  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB10150 データシート(HTML) 2 Page - Won-Top Electronics

  SB10150_08 Datasheet HTML 1Page - Won-Top Electronics SB10150_08 Datasheet HTML 2Page - Won-Top Electronics SB10150_08 Datasheet HTML 3Page - Won-Top Electronics SB10150_08 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SB10150 – SB10200
2 of 4
© 2008 Won-Top Electronics
0
5
10
15
20
10
50
100
150
T , LEAD TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
L
Single Phase Half-Wave
60 Hz Resistive or Inductive
Load 9.5mm Lead Length
100
1000
10000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25ºC
j
f = 1MHz
0
40
80
120
160
200
110
100
NUMBER OF CYCLES AT 60 Hz
Fig.3 Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
0.1
1.0
10
30
0.1
0.3
0.5
0.7
0.9
1.1
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Voltage Characteristics
F
T = 25ºC
Pulse Width = 300 s
2% Duty Cycle
j
µ


同様の部品番号 - SB10150_08

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
SB10150CT WTE-SB10150CT Datasheet
47Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB10150CT PANJIT-SB10150CT Datasheet
427Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB10150CT PACELEADER-SB10150CT Datasheet
288Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB10150CT WTE-SB10150CT Datasheet
51Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB10150CT GULFSEMI-SB10150CT Datasheet
109Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
More results

同様の説明 - SB10150_08

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
SB10150 WTE-SB10150 Datasheet
48Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB10150F WTE-SB10150F_08 Datasheet
67Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB10150F WTE-SB10150F Datasheet
49Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1070CT DIODES-MBR1070CT_1 Datasheet
73Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. 2 - 2
MBR1070CT DIODES-MBR1070CT Datasheet
64Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
logo
Won-Top Electronics
SB10150CT WTE-SB10150CT Datasheet
47Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB10150CT WTE-SB10150CT_08 Datasheet
51Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB10150FCT WTE-SB10150FCT Datasheet
48Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
TCMBR10100CT TAK_CHEONG-TCMBR10100CT Datasheet
107Kb / 2P
   10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
MBR10100CT TAK_CHEONG-MBR10100CT Datasheet
167Kb / 4P
   10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com