データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS512MCF100I データシート(PDF) 11 Page - Transcend Information. Inc.

部品番号 TS512MCF100I
部品情報  Industrial CF Card
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCEND [Transcend Information. Inc.]
ホームページ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MCF100I データシート(HTML) 11 Page - Transcend Information. Inc.

Back Button TS512MCF100I Datasheet HTML 7Page - Transcend Information. Inc. TS512MCF100I Datasheet HTML 8Page - Transcend Information. Inc. TS512MCF100I Datasheet HTML 9Page - Transcend Information. Inc. TS512MCF100I Datasheet HTML 10Page - Transcend Information. Inc. TS512MCF100I Datasheet HTML 11Page - Transcend Information. Inc. TS512MCF100I Datasheet HTML 12Page - Transcend Information. Inc. TS512MCF100I Datasheet HTML 13Page - Transcend Information. Inc. TS512MCF100I Datasheet HTML 14Page - Transcend Information. Inc. TS512MCF100I Datasheet HTML 15Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
T
T
Trrra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d IIIn
n
nd
d
du
u
us
s
stttrrriiia
a
alll C
C
CF
F
F C
C
Ca
a
arrrd
d
d
(((T
T
TS
S
S1
1
12
2
28
8
8M
M
M ~
~
~ 1
1
16
6
6G
G
GC
C
CF
F
F1
1
10
0
00
0
0III)))
Transcend Information Inc.
V1.2
11
Signal Name
Dir.
Pin
Description
-REG
(PC Card Memory Mode)
Attribute Memory Select
-REG
(PC Card I/O Mode)
I
44
This signal is used during Memory Cycles to distinguish between Common
Memory and Register (Attribute) Memory accesses. High for Common Memory,
Low for Attribute Memory.
The signal shall also be active (low) during I/O Cycles when the I/O address is on
the Bus.
-DMACK
(True IDE Mode)
This is a DMA Acknowledge signal that is asserted by the host in response to
DMARQ to initiate DMA transfers.
While DMA operations are not active, the card shall ignore the -DMACK signal,
including a floating condition.
If DMA operation is not supported by a True IDE Mode only host, this signal
should be driven high or connected to VCC by the host.
A host that does not support DMA mode and implements both PCMCIA and
True-IDE modes of operation need not alter the PCMCIA mode connections
while in True-IDE mode as long as this does not prevent proper operation all
modes.
RESET
(PC Card Memory Mode)
RESET
(PC Card I/O Mode)
-RESET
(True IDE Mode)
I
41
The CompactFlash Storage Card is Reset when the RESET pin is high with the
following important exception:
The host may leave the RESET pin open or keep it continually high from the
application of power without causing a continuous Reset of the card. Under
either of these conditions, the card shall emerge from power-up having
completed an initial Reset.
The CompactFlash Storage Card is also Reset when the Soft Reset bit in the
Card Configuration Option Register is set.
This signal is the same as the PC Card Memory Mode signal.
In the True IDE Mode, this input pin is the active low hardware reset from the
host.
VCC
(PC Card Memory Mode)
VCC
(PC Card I/O Mode)
VCC
(True IDE Mode)
--
13,38
+5 V, +3.3 V power.
This signal is the same for all modes.
This signal is the same for all modes.


同様の部品番号 - TS512MCF100I

メーカー部品番号データシート部品情報
logo
Transcend Information. ...
TS512MCF100I TRANSCEND-TS512MCF100I Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS512MCF100I-P TRANSCEND-TS512MCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
More results

同様の説明 - TS512MCF100I

メーカー部品番号データシート部品情報
logo
Apacer Technology Inc.
CS710-CF APACER-CS710-CF Datasheet
2Mb / 5P
   Apacer industrial CS710-CF card
CM710-CF APACER-CM710-CF Datasheet
2Mb / 5P
   Apacer industrial CM710-CF card
logo
Transcend Information. ...
TS8GCF100I-P TRANSCEND-TS8GCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
logo
List of Unclassifed Man...
AP-CF128ME3NR-NRQ ETC2-AP-CF128ME3NR-NRQ Datasheet
191Kb / 19P
   Compact Flash Series ??Industrial CF Specifications
logo
PHOENIX CONTACT
2701669 PHOENIX-2701669 Datasheet
52Kb / 1P
   Memory card - 32GB CF
2701668 PHOENIX-2701668 Datasheet
46Kb / 2P
   Memory card - 16GB CF
logo
List of Unclassifed Man...
AP-CF128ME3ER-NRJ ETC2-AP-CF128ME3ER-NRJ Datasheet
185Kb / 21P
   Value Added Compact Flash Series ??Specification for Industrial CF
logo
3M Electronics
91736 3M-91736 Datasheet
424Kb / 5P
   3M??CF Card Header
logo
List of Unclassifed Man...
AP-CF128ME3ER-NRK ETC2-AP-CF128ME3ER-NRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
AU6320 ETC2-AU6320 Datasheet
522Kb / 19P
   USB2.0 CF Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com