データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS2GSD150 データシート(PDF) 11 Page - Transcend Information. Inc.

部品番号 TS2GSD150
部品情報  2GB 150x Secure Digital Card
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCEND [Transcend Information. Inc.]
ホームページ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GSD150 データシート(HTML) 11 Page - Transcend Information. Inc.

Back Button TS2GSD150 Datasheet HTML 7Page - Transcend Information. Inc. TS2GSD150 Datasheet HTML 8Page - Transcend Information. Inc. TS2GSD150 Datasheet HTML 9Page - Transcend Information. Inc. TS2GSD150 Datasheet HTML 10Page - Transcend Information. Inc. TS2GSD150 Datasheet HTML 11Page - Transcend Information. Inc. TS2GSD150 Datasheet HTML 12Page - Transcend Information. Inc. TS2GSD150 Datasheet HTML 13Page - Transcend Information. Inc. TS2GSD150 Datasheet HTML 14Page - Transcend Information. Inc. TS2GSD150 Datasheet HTML 15Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
T
T
TS
S
S2
2
2G
G
GS
S
SD
D
D1
1
15
5
50
0
0
2GB 150x Secure Digital Card
Transcend Information Inc.
11
AC/DC Character
• General
Parameter
Symbol
Min.
Max.
Unit
Remark
Peak voltage on all lines
-0.3
VDD+0.3
V
All Inputs
Input Leakage Current
-10
10
µA
All Outputs
Output Leakage Current
-10
10
µA
• Power Supply Voltage
Parameter
Symbol
Min.
Max.
Unit
Remark
Supply voltage
VDD
2.0
3.6
V
CMD0, 15,55,ACMD41
commands
Supply voltage specified in OCR register
2.7
3.6
V
Except CMD0, 15,55,
ACMD41 commands
Supply voltage differentials (VSS1, VSS2)
-0.3
0.3
V
Power up time
250
ms
From 0v to VDD Min.
Bus Signal Line Load
The total capacitance CL the CLK line of the SD Memory Card bus is the sum of the bus master capacitance CHOST, the bus
capacitance CBUS itself and the capacitance CCARD of each card connected to this line:
CL = CHOST + CBUS + Ν*CCARD
Parameter
Symbol
Min.
Max.
Unit
Remark
Bus signal line capacitance
CL
100
pF
fPP ≤ 20 MHz, 7 cards
Single card capacitance
CCARD
10
pF
Maximum signal line inductance
16
nH
fPP ≤ 20 MHz
Pull-up resistance inside card (pin1)
RDAT3
10
90
k
Ω
May be used for card
detection
Note that the total capacitance of CMD and DAT lines will be consist of CHOST, CBUS and one CCARD only since they are
connected separately to the SD Memory Card host.
Parameter
Symbol
Min.
Max.
Unit
Remark
Pull-up resistance
RCMD, RDAT
10
100
k
Ω
To prevent bus floating
Bus signal line capacitance
CL
250
pF
fPP ≤ 5 MHz, 21 cards


同様の部品番号 - TS2GSD150

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS2GSD150 ETC2-TS2GSD150 Datasheet
351Kb / 17P
   2GB 150x Secure Digital Card
More results

同様の説明 - TS2GSD150

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS2GSD150 ETC2-TS2GSD150 Datasheet
351Kb / 17P
   2GB 150x Secure Digital Card
logo
Transcend Information. ...
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
   4GB 150X High Capacity Secure Digital Card
TS8GSDHC150 TRANSCEND-TS8GSDHC150 Datasheet
480Kb / 24P
   8GB 150X High Capacity Secure Digital Card
TS512MSDC TRANSCEND-TS512MSDC Datasheet
198Kb / 7P
   Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
   Secure Digital Card
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
   Secure Digital Card
logo
List of Unclassifed Man...
AP-ISD256CS2A-1T ETC2-AP-ISD256CS2A-1T Datasheet
162Kb / 16P
   Industrial Secure Digital Card
logo
Tyco Electronics
2041021 MACOM-2041021 Datasheet
151Kb / 3P
   SECURE DIGITAL CARD CONNECTOR
logo
Adam Technologies, Inc.
SD-09-A-SG ADAM-TECH-SD-09-A-SG Datasheet
127Kb / 1P
   SECURE DIGITAL
logo
AVX Corporation
5638 AVX-5638 Datasheet
172Kb / 4P
   Secure Digital Memory Card Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com