データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS2GUSD-P3 データシート(PDF) 11 Page - Transcend Information. Inc.

部品番号 TS2GUSD-P3
部品情報  2GB microSD Card Reader P3
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCEND [Transcend Information. Inc.]
ホームページ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GUSD-P3 データシート(HTML) 11 Page - Transcend Information. Inc.

Back Button TS2GUSD-P3 Datasheet HTML 7Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 8Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 9Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 10Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 11Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 12Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 13Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 14Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 15Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
T
T
TS
S
S2
2
2G
G
GU
U
US
S
SD
D
D---P
P
P3
3
3
2GB microSD Card + Reader P3
Transcend Information Inc.
11
NSAC
Defines the worst case for the clock dependent factor of the data access time. The unit for NSAC is100 clock cycles.
Therefore, the maximal value for the clock dependent part of the data access time is 25.5k clock cycles.
The total access time NAC as expressed in the Table 34 is the sum of TAAC and NSAC. It has to be computed by the
host for the actual clock rate. The read access time should be interpreted as a typical delay for the first data bit of a data
block or stream.
TRAN_SPEED
The following table defines the maximum data transfer rate per one data line - TRAN_SPEED:
Note that for current SD Memory Cards that field must be always 0_0110_010b (032h) which is equal to 25MHz - the
mandatory maximum operating frequency of SD Memory Card.
In High-Speed mode, that field must be always 0_1011_010b (05Ah) which is equal to 50MHz. And when the timing
mode returns to the default by CMD6 or CMD0 command, its value will be 032h.
CCC
The SD Memory Card command set is divided into subsets (command classes). The card command class register
CCC defines which command classes are supported by this card. A value of ‘1’ in a CCC bit means that the


同様の部品番号 - TS2GUSD-P3

メーカー部品番号データシート部品情報
logo
Transcend Information. ...
TS2GUSD TRANSCEND-TS2GUSD Datasheet
537Kb / 24P
   microSD Memory Card
More results

同様の説明 - TS2GUSD-P3

メーカー部品番号データシート部品情報
logo
SparkFun Electronics
COM-13004 SPARKFUN-COM-13004 Datasheet
112Kb / 1P
   microSD USB Reader
8/3/2016
logo
Yamaichi Electronics Co...
PJS008T-0000-0 YAMAICHI-PJS008T-0000-0 Datasheet
300Kb / 1P
   microSD Card Reader - Hinge Type
logo
IOGEAR
GFR204SD IOGEAR-GFR204SD Datasheet
145Kb / 3P
   SD/MicroSD/MMC Card Reader/Writer
logo
Yamaichi Electronics Co...
PJS008-2100-0 YAMAICHI-PJS008-2100-0 Datasheet
118Kb / 1P
   microSD Card Reader - Push / Push (Top Mount)
PJS008-2300-0 YAMAICHI-PJS008-2300-0 Datasheet
119Kb / 1P
   microSD Card Reader - Push / Push (Top Mount)
PJS008U-3000-0 YAMAICHI-PJS008U-3000-0 Datasheet
109Kb / 1P
   microSD Card Reader - Manual Type (Vertical Mount)
logo
Transcend Information. ...
TS4GUSDHC6-P3 TRANSCEND-TS4GUSDHC6-P3 Datasheet
863Kb / 28P
   4/8GB microSDHC Class 6 Card Reader P3
logo
Kingston Technology Far...
MLPM KINGSTON-MLPM Datasheet
273Kb / 2P
   MOBILELITE PLUS microSD READER Next-Level Speed and Performance
logo
List of Unclassifed Man...
AP512MCSD ETC2-AP512MCSD Datasheet
94Kb / 12P
   microSD Card
logo
Yamaichi Electronics Co...
PJS008-1000 YAMAICHI-PJS008-1000 Datasheet
102Kb / 1P
   microSD Card Adapter (microSD-to-miniSD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com