データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS4GSDHC2 データシート(PDF) 4 Page - Transcend Information. Inc.

部品番号 TS4GSDHC2
部品情報  4~32GB High Capacity Secure Digital Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCEND [Transcend Information. Inc.]
ホームページ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSDHC2 データシート(HTML) 4 Page - Transcend Information. Inc.

  TS4GSDHC2 Datasheet HTML 1Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 2Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 3Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 4Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 5Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 6Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 7Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 8Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
S
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
4~32GB High Capacity Secure Digital Card
Transcend Information Inc.
4
Single card capacitance
CCARD
10
pF
Maximum signal line inductance
16
nH
fPP ≤ 20 MHz
Pull-up resistance inside card (pin1)
RDAT3
10
90
k
May be used for card
detection
Note that the total capacitance of CMD and DAT lines will be consist of CHOST, CBUS and one CCARD only because they are
connected separately to the SD Memory Card host.
Host should consider total bus capacitance for each signal as the sum of CHOST, CBUS, and CCARD, these parameters are
defined by per signal. The host can determine CHOST and CBUS so that total bus capacitance is less than the card estimated
capacitance load (CL=40 pF). The SD Memory Card guarantees its bus timing when total bus capacitance is less than
maximum value of CL (40 pF).


同様の部品番号 - TS4GSDHC2

メーカー部品番号データシート部品情報
logo
Transcend Information. ...
TS4GSDHC10 TRANSCEND-TS4GSDHC10 Datasheet
497Kb / 26P
   4~16GB High Capacity Secure Digital Card
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
   4GB 150X High Capacity Secure Digital Card
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC6-P2 TRANSCEND-TS4GSDHC6-P2 Datasheet
804Kb / 27P
   SDHC Memory Card Reader P2
TS4GSDHC6V TRANSCEND-TS4GSDHC6V Datasheet
590Kb / 24P
   4GB~16GB SDHC6 HD Video Card
More results

同様の説明 - TS4GSDHC2

メーカー部品番号データシート部品情報
logo
Transcend Information. ...
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC10 TRANSCEND-TS4GSDHC10 Datasheet
497Kb / 26P
   4~16GB High Capacity Secure Digital Card
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
   4GB 150X High Capacity Secure Digital Card
TS8GSDHC150 TRANSCEND-TS8GSDHC150 Datasheet
480Kb / 24P
   8GB 150X High Capacity Secure Digital Card
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD Datasheet
252Kb / 2P
   Capacity: 128MB to 32GB
logo
Transcend Information. ...
TS512MSDC TRANSCEND-TS512MSDC Datasheet
198Kb / 7P
   Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
   Secure Digital Card
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
   Secure Digital Card
logo
Axiomtek Co., Ltd.
CFC AXIOMTEK-CFC Datasheet
185Kb / 1P
   CFast card specification standard, Capacity: 2GB up to 32GB
logo
List of Unclassifed Man...
AP-ISD256CS2A-1T ETC2-AP-ISD256CS2A-1T Datasheet
162Kb / 16P
   Industrial Secure Digital Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com