データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS16GJFV33 データシート(PDF) 2 Page - Transcend Information. Inc.

部品番号 TS16GJFV33
部品情報  16GB USB2.0 JetFlash?줧33
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCEND [Transcend Information. Inc.]
ホームページ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS16GJFV33 データシート(HTML) 2 Page - Transcend Information. Inc.

  TS16GJFV33 Datasheet HTML 1Page - Transcend Information. Inc. TS16GJFV33 Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S1
1
16
6
6G
G
GJ
J
JF
F
FV
V
V3
3
33
3
3
16GB USB2.0 JetFlash™V33
Transcend Information Inc.
2
Pinouts
Pin No.
Pin Name
Function
01
VCC
USB power input
02
USB-
03
USB+
USB
differential
signal
04
VSS
Ground
Specifications
Storage Capacity
16GB**
Data Retention
10 years
Erase Cycles
>10,000 times
Connector Durability
10,000 times
System Performance
Read: 15MB/sec (max.), Write: 9MB/sec (max.)
Wear-leveling
Dynamic
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
o
C, Non-Operating: -20
o
C-75
o
C
Certificates
CE, FCC, BSMI, C-tick, KCC
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1GB = 1 billion bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.


同様の部品番号 - TS16GJFV33

メーカー部品番号データシート部品情報
logo
Transcend Information. ...
TS16GJFV30 TRANSCEND-TS16GJFV30 Datasheet
62Kb / 2P
   16GB USB2.0 JetFlash?줧30
More results

同様の説明 - TS16GJFV33

メーカー部品番号データシート部品情報
logo
Transcend Information. ...
TS8GJFV33 TRANSCEND-TS8GJFV33 Datasheet
51Kb / 2P
   8GB USB2.0 JetFlash?줧33
TS4GJFV33 TRANSCEND-TS4GJFV33 Datasheet
51Kb / 2P
   4GB USB2.0 JetFlash?줧33
TS2GJFV33 TRANSCEND-TS2GJFV33 Datasheet
49Kb / 2P
   2GB USB2.0 JetFlash?줧33
TS1GJFV33 TRANSCEND-TS1GJFV33 Datasheet
60Kb / 2P
   1GB USB2.0 JetFlash?줧33
TS16GJFV60 TRANSCEND-TS16GJFV60 Datasheet
57Kb / 2P
   16GB USB2.0 JetFlash?줧60
TS16GJFV70 TRANSCEND-TS16GJFV70 Datasheet
53Kb / 2P
   16GB USB2.0 JetFlash?줧70
TS16GJFV85 TRANSCEND-TS16GJFV85 Datasheet
47Kb / 2P
   16GB USB2.0 JetFlash?줧85
TS16GJF220 TRANSCEND-TS16GJF220 Datasheet
58Kb / 2P
   16GB USB2.0 JetFlash??20
TS16GJFV10 TRANSCEND-TS16GJFV10 Datasheet
89Kb / 2P
   16GB USB2.0 JetFlash?줧10
TS16GJF600 TRANSCEND-TS16GJF600 Datasheet
64Kb / 2P
   16GB USB2.0 JetFlash??00
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com