データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS64MCF80 データシート(PDF) 7 Page - Transcend Information. Inc.

部品番号 TS64MCF80
部品情報  80X CompactFlash Card
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCEND [Transcend Information. Inc.]
ホームページ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS64MCF80 データシート(HTML) 7 Page - Transcend Information. Inc.

Back Button TS64MCF80 Datasheet HTML 3Page - Transcend Information. Inc. TS64MCF80 Datasheet HTML 4Page - Transcend Information. Inc. TS64MCF80 Datasheet HTML 5Page - Transcend Information. Inc. TS64MCF80 Datasheet HTML 6Page - Transcend Information. Inc. TS64MCF80 Datasheet HTML 7Page - Transcend Information. Inc. TS64MCF80 Datasheet HTML 8Page - Transcend Information. Inc. TS64MCF80 Datasheet HTML 9Page - Transcend Information. Inc. TS64MCF80 Datasheet HTML 10Page - Transcend Information. Inc. TS64MCF80 Datasheet HTML 11Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
T
T
TS
S
S3
3
32
2
2M
M
M~
~
~1
1
1G
G
GC
C
CF
F
F8
8
80
0
0
80X CompactFlash Card
Transcend Information Inc.
V1.1
7
3.2 Signal Description
Signal Name
Dir.
Pin
Description
A10 – A00
(PC Card Memory Mode)
A10 – A00
(PC Card I/O Mode)
A02 - A00
(True IDE Mode)
I
I
8,10,11,12,
14,15,16,17,
18,19,20
18,19,20
These address lines along with the -REG signal are used to select the following:
The I/O port address registers within the CompactFlash Storage Card , the
memory mapped port address registers within the CompactFlash Storage Card,
a byte in the card's information structure and its configuration control and status
registers.
This signal is the same as the PC Card Memory Mode signal.
In True IDE Mode, only A[02:00] are used to select the one of eight registers
in the Task File, the remaining address lines should be grounded by the
host.
BVD1
(PC Card Memory Mode)
-STSCHG
(PC Card I/O Mode)
Status Changed
-PDIAG
(True IDE Mode)
I/O
46
This signal is asserted high, as BVD1 is not supported.
This signal is asserted low to alert the host to changes in the READY and Write
Protect states, while the I/O interface is configured. Its use is controlled by the
Card Config and Status Register.
In the True IDE Mode, this input / output is the Pass Diagnostic signal in the
Master / Slave handshake protocol.
BVD2
(PC Card Memory Mode)
-SPKR
(PC Card I/O Mode)
-DASP
(True IDE Mode)
I/O
45
This signal is asserted high, as BVD2 is not supported.
This line is the Binary Audio output from the card. If the Card does not support
the Binary Audio function, this line should be held negated.
In the True IDE Mode, this input/output is the Disk Active/Slave Present signal in
the Master/Slave handshake protocol.


同様の部品番号 - TS64MCF80

メーカー部品番号データシート部品情報
logo
Transcend Information. ...
TS64MDOM40V TRANSCEND-TS64MDOM40V Datasheet
160Kb / 8P
   40-Piin IDE Fllassh Module
TS64MDOM44H TRANSCEND-TS64MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS64MDOM44V TRANSCEND-TS64MDOM44V Datasheet
165Kb / 8P
   44-Pin IDE Flash Module
TS64MRMMC4 TRANSCEND-TS64MRMMC4 Datasheet
344Kb / 11P
   MMCmobile
logo
List of Unclassifed Man...
TS64MVSSFDC ETC1-TS64MVSSFDC Datasheet
59Kb / 3P
   64MB SmartMediaCard
More results

同様の説明 - TS64MCF80

メーカー部品番号データシート部品情報
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS256MUSD80 TRANSCEND-TS256MUSD80 Datasheet
200Kb / 6P
   80x microSD Memory Card
TS1GSD80I TRANSCEND-TS1GSD80I Datasheet
265Kb / 11P
   80x Industrial Secure Digital Card
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com