データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS256MUSD80 データシート(PDF) 5 Page - Transcend Information. Inc.

部品番号 TS256MUSD80
部品情報  80x microSD Memory Card
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCEND [Transcend Information. Inc.]
ホームページ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS256MUSD80 データシート(HTML) 5 Page - Transcend Information. Inc.

  TS256MUSD80 Datasheet HTML 1Page - Transcend Information. Inc. TS256MUSD80 Datasheet HTML 2Page - Transcend Information. Inc. TS256MUSD80 Datasheet HTML 3Page - Transcend Information. Inc. TS256MUSD80 Datasheet HTML 4Page - Transcend Information. Inc. TS256MUSD80 Datasheet HTML 5Page - Transcend Information. Inc. TS256MUSD80 Datasheet HTML 6Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
T
T
TS
S
S2
2
25
5
56
6
6~
~
~5
5
51
1
12
2
2M
M
MU
U
US
S
SD
D
D8
8
80
0
0
80x microSD Memory Card
Transcend Information Inc.
5
Bus Timing
Parameter
Symbol
Min
Max.
Unit
Remark
Clock CLK (All values are referred to min (VIH) and max (VIL)
Clock frequency Data Transfer Mode
fPP
0
25
MHz
CL ≤ 100 pF, (7 cards)
Clock frequency Identification Mode
(The low freq. is required for MultiMediaCard
compatibility.)
fOD
0
400
KHz
CL ≤ 250 pF, (21 cards)
tWL
10
ns
CL ≤ 100 pF, (7 cards)
Clock low time
50
ns
CL ≤ 250 pF, (21 cards)
tWH
10
ns
CL ≤ 100 pF, (7 cards)
Clock high time
50
ns
CL ≤ 250 pF, (21 cards)
tTLH
10
ns
CL ≤ 100 pF, (7 cards)
Clock rise time
50
ns
CL ≤ 250 pF, (21 cards)
tTHL
10
ns
CL ≤ 100 pF, (7 cards)
Clock fall time
50
ns
CL ≤ 250 pF, (21 cards)
Inputs CMD, DAT (referenced to CLK)
Input set-up time
tISU
5
ns
CL ≤ 25 pF, (1 cards)
Input hold time
tIH
5
ns
CL ≤ 25 pF, (1 cards)
Outputs CMD, DAT (referenced to CLK)
Output Delay time
tODLY
0
14
ns
CL ≤ 25 pF, (1 cards)


同様の部品番号 - TS256MUSD80

メーカー部品番号データシート部品情報
logo
Transcend Information. ...
TS256MUSD TRANSCEND-TS256MUSD Datasheet
537Kb / 24P
   microSD Memory Card
More results

同様の説明 - TS256MUSD80

メーカー部品番号データシート部品情報
logo
Transcend Information. ...
TS256MUSD TRANSCEND-TS256MUSD Datasheet
537Kb / 24P
   microSD Memory Card
logo
Japan Aviation Electron...
ST11-H JAE-ST11-H Datasheet
276Kb / 4P
   microSD Memory Card Connector
logo
Molex Electronics Ltd.
47219-0001 MOLEX-47219-0001 Datasheet
132Kb / 2P
   microSD Memory Card Connectors
logo
Panasonic Semiconductor
RP-SMKC PANASONIC-RP-SMKC Datasheet
156Kb / 2P
   microSD Memory Card, Industrial MLC Model
logo
Apacer Technology Inc.
MICROSD APACER-MICROSD Datasheet
894Kb / 3P
   Apacer industrial-grade MicroSD memory card
MICROSD-R1 APACER-MICROSD-R1 Datasheet
897Kb / 3P
   R1 microSD memory cards
logo
Transcend Information. ...
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
logo
Molex Electronics Ltd.
5027740891 MOLEX11-5027740891 Datasheet
318Kb / 5P
   1.10mm (.043") Pitch microSD Memory Card Connector
logo
Panasonic Semiconductor
RP-SMSCXXDA1 PANASONIC-RP-SMSCXXDA1 Datasheet
311Kb / 2P
   microSD/SDHC Memory Card, Industrial SLC Model
RP-SMPEXXDA1 PANASONIC-RP-SMPEXXDA1 Datasheet
390Kb / 2P
   microSD/SDHC Memory Card, Consumer Plus pSLC Model
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com