データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1GSDOM22V データシート(PDF) 11 Page - Transcend Information. Inc.

部品番号 TS1GSDOM22V
部品情報  22P Vertical Type SATA Flash Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCEND [Transcend Information. Inc.]
ホームページ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GSDOM22V データシート(HTML) 11 Page - Transcend Information. Inc.

Back Button TS1GSDOM22V Datasheet HTML 3Page - Transcend Information. Inc. TS1GSDOM22V Datasheet HTML 4Page - Transcend Information. Inc. TS1GSDOM22V Datasheet HTML 5Page - Transcend Information. Inc. TS1GSDOM22V Datasheet HTML 6Page - Transcend Information. Inc. TS1GSDOM22V Datasheet HTML 7Page - Transcend Information. Inc. TS1GSDOM22V Datasheet HTML 8Page - Transcend Information. Inc. TS1GSDOM22V Datasheet HTML 9Page - Transcend Information. Inc. TS1GSDOM22V Datasheet HTML 10Page - Transcend Information. Inc. TS1GSDOM22V Datasheet HTML 11Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M---8
8
8G
G
GS
S
SD
D
DO
O
OM
M
M2
2
22
2
2V
V
V
22P Vertical Type
SATA Flash Modules
Transcend Information Inc.
V1.4
11
Ordering Information
Ordering Information
Ordering Information
Ordering Information
1. The above technical information is based on industry standard data and has been tested to be reliable. However,
Transcend makes no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection
with the use of this product. Transcend reserves the right to make changes to the specifications at any time without
prior notice.
2. For specific capacity, performance, and reliability requirement, please contact with sales.
USA
Los Angeles:
E-mail: sales@transcendusa.com
Maryland:
E-mail: sales_md@transcendusa.com
www.transcendusa.com
CHINA
E-mail: sales@transcendchina.com
www.transcendchina.com
GERMANY
E-mail: vertrieb@transcend.de
www.transcend.de
HONG KONG
E-mail: sales@transcend.com.hk
www.transcendchina.com
JAPAN
E-mail: sales@transcend.co.jp
www.transcend.jp
THE NETHERLANDS
E-mail: sales@transcend.nl
www.transcend.nl
United Kingdom
E-mail: sales@transcend-uk.com
www.transcend-uk.com
TAIWAN
No.70, XingZhong Rd., NeiHu Dist., Taipei, Taiwan, R.O.C
TEL +886-2-2792-8000
Fax +886-2-2793-2222
E-mail: sales@transcend.com.tw
www.transcend.com.tw
Korea
E-mail: sales@transcend.co.kr
www.transcend.co.kr
TS XG SDOM XX
Capacity:
128M-8G
SATA Flash Module
Transcend Product
Connector type
7H = 7pin SATA horizontal
22V = 22pin SATA vertical
22H = 22pin SATA
horizontal


同様の部品番号 - TS1GSDOM22V

メーカー部品番号データシート部品情報
logo
Transcend Information. ...
TS1GSDOM7H TRANSCEND-TS1GSDOM7H Datasheet
1Mb / 14P
   7P Horizontal Type SATA Flash Modules
More results

同様の説明 - TS1GSDOM22V

メーカー部品番号データシート部品情報
logo
Transcend Information. ...
TS4GSDO22H TRANSCEND-TS4GSDO22H Datasheet
1Mb / 11P
   22P Horizontal Type SATA Flash Modules
TS128MSDOM7H TRANSCEND-TS128MSDOM7H Datasheet
1Mb / 14P
   7P Horizontal Type SATA Flash Modules
logo
Axiomtek Co., Ltd.
FSA300 AXIOMTEK-FSA300 Datasheet
126Kb / 1P
   Flash SATA Disk /mSATA SATA 3 SLC,MLC
logo
JMicron Technology Corp...
JMF602 JMICRON-JMF602 Datasheet
96Kb / 3P
   SATA II to Flash Controller
JMF608 JMICRON-JMF608 Datasheet
71Kb / 4P
   SATA III NAND Flash Controller
logo
Axiomtek Co., Ltd.
FSA301 AXIOMTEK-FSA301 Datasheet
163Kb / 1P
   Flash SATA Disk/mSATA Mini SATA 3 SLC, MLC
FSA AXIOMTEK-FSA_17 Datasheet
114Kb / 1P
   Flash SATA Disk /SATAIII SLC, MLC
logo
TE Connectivity Ltd
C-1735284 TEC-C-1735284 Datasheet
801Kb / 5P
   SATA BACKPLANE RECEPTACLE, VERTICAL, SMT
logo
Assmann Electronics Inc...
AK-400203-005-R ASSMANN-AK-400203-005-R Datasheet
221Kb / 2P
   SATA Slot Bracket cable, L-type
logo
Adam Technologies, Inc.
SATA-N-PM-VT-SMT-02 ADAM-TECH-SATA-N-PM-VT-SMT-02 Datasheet
101Kb / 1P
   SATA DIP SINGLE ROW TYPE FEMALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com