データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS192GSSD25S-M データシート(PDF) 2 Page - Transcend Information. Inc.

部品番号 TS192GSSD25S-M
部品情報  2.5??Solid State Disk
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCEND [Transcend Information. Inc.]
ホームページ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS192GSSD25S-M データシート(HTML) 2 Page - Transcend Information. Inc.

  TS192GSSD25S-M Datasheet HTML 1Page - Transcend Information. Inc. TS192GSSD25S-M Datasheet HTML 2Page - Transcend Information. Inc. TS192GSSD25S-M Datasheet HTML 3Page - Transcend Information. Inc. TS192GSSD25S-M Datasheet HTML 4Page - Transcend Information. Inc. TS192GSSD25S-M Datasheet HTML 5Page - Transcend Information. Inc. TS192GSSD25S-M Datasheet HTML 6Page - Transcend Information. Inc. TS192GSSD25S-M Datasheet HTML 7Page - Transcend Information. Inc. TS192GSSD25S-M Datasheet HTML 8Page - Transcend Information. Inc. TS192GSSD25S-M Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
T
T
TS
S
S8
8
8G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---S
S
S
T
T
TS
S
S1
1
16
6
6G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---S
S
S///M
M
M
T
T
TS
S
S3
3
32
2
2G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---S
S
S///M
M
M
T
T
TS
S
S6
6
64
4
4G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---S
S
S///M
M
M
T
T
TS
S
S1
1
12
2
28
8
8G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---M
M
M
T
T
TS
S
S1
1
19
9
92
2
2G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---M
M
M
2.5” Solid State Disk
Transcend Information Inc.
V2.4
2
Specifications
Physical Specification
Form Factor
2.5-inch HDD
Storage Capacities
8 GB to 192 GB
Length
100.0 0
± 0.40
Width
69.85
± 0.20
Dimensions (mm)
Height
9.50
± 0.15
Input Voltage
5V
± 5%
Weight
66g
± 5g
Connector
SATA 7+15 pins combo connector
Environmental Specifications
Operating Temperature
0
to 70
Storage Temperature
- 40
to 85
Power Requirements
Input Voltage
5V
± 5% @25
Mode
Max. (mA)
Max. (W)
Write(peak)
476.1
2.4
Read(peak)
426.2
2.1
Power Consumption
(8/16/32/64GB)
Idle(peak)
144.0
0.7
Write(peak)
541.6
2.7
Read(peak)
461.2
2.3
Power Consumption
(128GB)
Idle(peak)
142.1
0.7
Write(peak)
573.3
2.9
Read(peak)
483.1
2.4
Power Consumption
(192GB)
Idle(peak)
146.2
0.7


同様の部品番号 - TS192GSSD25S-M

メーカー部品番号データシート部品情報
logo
Suntan Capacitors
TS19 SUNTAN-TS19 Datasheet
1Mb / 1P
   TANTALUM CAPACITOR- DIPPED
logo
CUI INC
TS19 CUI-TS19 Datasheet
424Kb / 4P
   TACTILE SWITCH
05/10/2022
logo
Clare, Inc.
TS190 CLARE-TS190 Datasheet
448Kb / 8P
   Multifunction Telecom Switch
logo
IXYS Corporation
TS190 IXYS-TS190 Datasheet
140Kb / 8P
   Multifunction Telecom Switch
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
   Ultra Low Quiescent Current Smart Load Switch
More results

同様の説明 - TS192GSSD25S-M

メーカー部品番号データシート部品情報
logo
Apacer Technology Inc.
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
   SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
   SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
   SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
SH250-25 APACER-SH250-25 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
logo
Transcend Information. ...
TS2GSSD10-M TRANSCEND-TS2GSSD10-M Datasheet
295Kb / 11P
   1.0??Solid State Disk
logo
Apacer Technology Inc.
PT120-M280 APACER-PT120-M280 Datasheet
1Mb / 5P
   SSD (Solid-State Disk)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com