データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1-PPP1-01-N1-MT データシート(PDF) 3 Page - Marktech Corporate

部品番号 LM1-PPP1-01-N1-MT
部品情報  120 Degree 3.2 x 2.8mm SMT-LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARKTECH [Marktech Corporate]
ホームページ  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LM1-PPP1-01-N1-MT データシート(HTML) 3 Page - Marktech Corporate

  LM1-PPP1-01-N1-MT Datasheet HTML 1Page - Marktech Corporate LM1-PPP1-01-N1-MT Datasheet HTML 2Page - Marktech Corporate LM1-PPP1-01-N1-MT Datasheet HTML 3Page - Marktech Corporate LM1-PPP1-01-N1-MT Datasheet HTML 4Page - Marktech Corporate LM1-PPP1-01-N1-MT Datasheet HTML 5Page - Marktech Corporate LM1-PPP1-01-N1-MT Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
Format #: COTCO-D-074
REV.4
Document No. SPE/LM1-PPP1-01-N1-MT
Rev. No.
01
Standard bins for LM1-PPP1-01-N1-MT(IF = 20mA):
Lamps are sorted to Luminous Intensity
–IV & Dominant Wavelength –λD bins shown.
Orders for LM1-PPP1-01-N1-MT may be filled with any or all bins contained as below.
All Luminous Intensity
–IV & Dominant Wavelength –λD values shown and specified are at If=20mA.
R * S+
450mcd
U
U o
orr
a
ab
bo
ov
v e
e
280mcd
T
T
180mcd
S
6
61
12
2n
nm
m
6
62
22
2n
nm
m
l
S+ indicates Luminous Intensity of Red Rank is at S bin or above.
G * T+
710mcd
V
V o
orr
a
ab
bo
ov
v e
e
450mcd
U
U
280mcd
T
5
52
20
0n
nm
m
5
54
40
0n
nm
m
l
T+ indicates Luminous Intensity of Green Rank is at T bin or above.
B * Q+
180mcd
S
S o
orr
a
ab
bo
ov
v e
e
112mcd
R
R
71mcd
Q
4
46
60
0n
nm
m
4
48
80
0n
nm
m
l
Q+ indicates Luminous Intensity of Blue Rank is at Q bin or above.
IIm
mp
po
orrtta
an
ntt N
No
otte
es
s::
1) All ranks will be included per delivery, rank ratio will be based on Dices distribution.
2) Tolerance of measurement of luminous intensity is
±10%
3) Tolerance of measurement of dominant wavelength is
±1nm.
4) Tolerance of measurement of Vf is
±0.05 V.
5) Packaging methods are available for selection, please refer to PACKAGING STANDARD.
6) Please refer to LED LAMP RELIABILITY TEST STANDARD for reliability test conditions.
7) Please refer to APPLICATION NOTES for Application .
Dominant Wavelength (λD)
Dominant Wavelength (λD)
Dominant Wavelength (λD)


同様の部品番号 - LM1-PPP1-01-N1-MT

メーカー部品番号データシート部品情報
logo
Cree, Inc
LM1-PPP1-01-N1 CREE-LM1-PPP1-01-N1 Datasheet
443Kb / 7P
   SMD LED
More results

同様の説明 - LM1-PPP1-01-N1-MT

メーカー部品番号データシート部品情報
logo
LUMEX INC.
SML-LX2832UWC-G-TR LUMEX-SML-LX2832UWC-G-TR Datasheet
121Kb / 2P
   2.8mm X 3.2mm SMT LED
SML-LX2832UWC-TR LUMEX-SML-LX2832UWC-TR_17 Datasheet
156Kb / 1P
   2.8mm X 3.2mm SMT LED
SML-LX3528SYC-TR LUMEX-SML-LX3528SYC-TR Datasheet
98Kb / 2P
   2.8mm X 3.5mm 0.2W SMT LED
SML-LX3528USBC-TR LUMEX-SML-LX3528USBC-TR Datasheet
99Kb / 2P
   2.8mm X 3.5mm 0.2W SMT LED
logo
Marktech Corporate
MT0350-WR-A MARKTECH-MT0350-WR-A Datasheet
290Kb / 7P
   3.2 x 2.8mm SMD TYPE
logo
LUMEX INC.
SML-LX3528UPGC-TR LUMEX-SML-LX3528UPGC-TR Datasheet
99Kb / 2P
   2.8mm X 3.5mm 0.2W SMT LED
SML-LX3528UWC-TR LUMEX-SML-LX3528UWC-TR Datasheet
100Kb / 2P
   2.8mm X 3.5mm 0.2W SMT LED
logo
Marktech Corporate
MTSM2350-G-A MARKTECH-MTSM2350-G-A Datasheet
283Kb / 7P
   3.2 x 2.8mm SMD TYPE
MTSM0350-WR-A MARKTECH-MTSM0350-WR-A Datasheet
290Kb / 7P
   3.2 x 2.8mm SMD TYPE
MTSM6350-URUG-A MARKTECH-MTSM6350-URUG-A Datasheet
266Kb / 8P
   3.2 x 2.8mm SMD TYPE
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com