データシートサーチシステム |
|
LD-300CPG2-C5-MT データシート(PDF) 2 Page - Marktech Corporate |
|
LD-300CPG2-C5-MT データシート(HTML) 2 Page - Marktech Corporate |
2 / 4 page 2/4 Format #: COTCO-D-074 REV.4 Document No. SPE/LD-300CPG2-C5-MT Rev. No. 03 F Fe ea attu urre es s P Pa ac ck ka ag ge e O Ou uttlliin ne e - High luminous flux output for illumination - Exposed pad design for excellent heat transfer - Designed for high current operation - Reflow soldering applicable A Ab bs so ollu utte e M Ma ax xiim mu um m R Ra attiin ng gs s a att T Ta a = = 2 25 5 °°C C ((o on n m me etta all c co orre e P PC CB B))** Items Symbol Absolute maximum Rating Unit Forward Current IF 100 mA Peak Forward Current** IFP 150 mA Reverse Voltage VR 5 V Power Dissipation PD 0.48 W Operation Temperature Topr -40 ~ +85 °C Storage Temperature Tstg -40 ~ +85 °C Junction Temperature Tj +110 °C Junction-to-Ambient*** θ ja 135 °C/W Junction-to-Case*** θ jc 70 °C/W A : ANODE B : HEAT SINK C : CATHODE BACK VIEW SIDE VIEW TOP VIEW ALL DIMENSION IS IN mm A B C *Metal core PCB defines as good heat transmission substrate (thickness of 1.7mm Al-based PCB in 12x12mm, θjc <50℃/W could do) ** Where pulse width <= 0.1msec, duty cycle <= 1/10 *** Rth test condition: mounted on 1.7mm Al-based PCB in size of 12x12mm T Ty yp piic ca all E Elle ec cttrriic ca all & & O Op pttiic ca all C Ch ha arra ac ctte erriis sttiic cs s a att T Ta a = = 2 25 5 °C ((o on n m me etta all c co orre e P PC CB B))** Items Symbol Condition Min. Typ. Max. Unit Forward Voltage VF IF = 100mA 4.0 4.8 V Reverse Current IR VR = 5V --- --- 10 µA Luminous Flux lumen IF = 100mA 3 5 --- lm Dominant Wavelength λ D IF =100mA 510 525 535 nm 2 θ½ H-H IF = 100mA --- 125 --- deg 50% Power Angle 2 θ½ V-V IF = 100mA --- 115 --- deg |
同様の部品番号 - LD-300CPG2-C5-MT |
|
同様の説明 - LD-300CPG2-C5-MT |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |